Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71202
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71202 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Actual Size
(3 mm x 3 mm)
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
EN1
FB1/NC
EN2
FB2/NC
NR
10
9
8
7
6
IN
NC
OUT1
OUT2
GND
1
2
3
4
5
DRC PACKAGE
3mm x 3mm SON
(TOP VIEW)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
PSRR (RIPPLE REJECTION) vs FREQUENCY
V
OUT = 2.8 V
C
OUT = 2.2 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
SBVS049B – MAY 2004 – REVISED MARCH 2005
Dual 250 mA Output, UltraLow Noise, High PSRR,
Low-Dropout Linear Regulator
•
Dual 250 mA High-Performance RF LDOs
The TPS712xx family of low-dropout (LDO) voltage
regulators is tailored to noise-sensitive and RF appli-
•
Available in Fixed and Adjustable
cations. These products feature dual 250 mA LDOs
Voltage Options (1.2 V to 5.5 V)
with ultralow noise, high power-supply rejection ratio
•
High PSRR: 65 dB at 10 kHz
(PSRR), and fast transient and start-up response.
•
UltraLow Noise: 32 µVrms
Each regulator output is stable with low-cost 2.2 µF
ceramic output capacitors and features very low
•
Fast Start-Up Time: 60 µs
dropout voltages (125 mV typical at 250 mA). Each
•
Stable with 2.2 µF Ceramic Capacitor
regulator achieves fast start-up times (approximately
•
Excellent Load/Line Transient Response
60 µs with a 0.001 µF bypass capacitor) while
consuming very low quiescent current (300 µA typical
•
Very Low Dropout Voltage: 125 mV at 250 mA
with both outputs enabled). When the device is
•
Independent Enable Pins
placed in standby mode, the supply current is re-
•
Thermal Shutdown and Independent Current
duced to less than 0.3 µA typical. Each regulator
Limit
exhibits approximately 32 µVrms of output voltage
noise with VOUT = 2.8 V and a 0.01 µF noise
•
Available in Thermally-Enhanced SON
reduction (NR) capacitor. Applications with analog
Package: 3mm x 3mm x 1mm
components that are noise-sensitive, such as port-
able RF electronics, will benefit from high PSRR, low
noise, and fast line and load transient features. The
•
Cellular and Cordless Phones
TPS712 family is offered in a thin 3mm x 3mm SON
•
Wireless PDA/Handheld Products
package and is fully specified from -40°C to +125°C
•
PCMCIA/Wireless LAN Applications
(TJ).
•
Digital Camera/Camcorder/Internet Audio
•
DSP/FPGA/ASIC/Controllers and Processors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
209Kb / 8P
Power for C5504/05
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI2-TPS71202 Datasheet
1,009Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
REVISED AUGUST 2010
More results

Similar Description - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com