Electronic Components Datasheet Search
  English  ▼

X  

PE83IR1021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE83IR1021
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE83IR1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PE83IR1021 is a dual junction isolator offering 40 dB minimum of isolation over a frequency band of 7 to 12.4 GHz. This
coaxial part uses SMA female connectors on all ports and has a power rating of 5 watts in forward and 1 watts in reverse
direction.
Pasternack Enterprises offers a wide variety of isolators to fit your needs. These are two-port devices that transmit microwave
or radio frequency power in one direction only and block the signal in the opposite direction. They can be thought of as a diode
for RF energy. Isolators are used to isolate equipment from the effects of conditions outside of the equipment. For instance
they are used to prevent a microwave source being detuned by a mismatched load. Pasternack’s isolators feature excellent
insertion loss, high isolation and reliability.
• Dual Junction Isolator
• Frequency Range of 7 to 12.4 GHz
• Female SMA Connectors
• Low VSWR
Applications
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Frequency Range
7 GHz to 12.4 GHz
Design
Dual Junction
Layout
Connectorized
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
7
12.4
GHz
Impedance
50
Ohms
Insertion Loss
1.2
dB
Forward Power
5
Watts
Reverse Power
1
Watts
Input VSWR
1.25:1
Isolation
40
dB
.
Mechanical Specifications
Temperature
Operating Range
0 to 50 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Dual Junction Isolator With 40 dB Isolation From 7 GHz to 12.4 GHz, 5 Watts And SMA
Female PE83IR1021
PE83IR1021
PE83IR1021 REV 1.0
Dual Junction Isolator With 40 dB Isolation From
7 GHz to 12.4 GHz, 5 Watts And SMA Female


Similar Part No. - PE83IR1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE83IR1020 PASTERNACK-PE83IR1020 Datasheet
391Kb / 5P
TECHNICAL DATA SHEET
PE83IR1022 PASTERNACK-PE83IR1022 Datasheet
408Kb / 5P
TECHNICAL DATA SHEET
PE83IR1023 PASTERNACK-PE83IR1023 Datasheet
406Kb / 5P
TECHNICAL DATA SHEET
PE83IR1024 PASTERNACK-PE83IR1024 Datasheet
393Kb / 5P
Isolators Technical Data Sheet
More results

Similar Description - PE83IR1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com