Electronic Components Datasheet Search
  English  ▼

X  

PE83IR1024 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE83IR1024
Description  Isolators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1024 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE83IR1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Dual Junction Isolator
• Frequency Range of 11 to 18 GHz
• Female SMA Connectors
• Low VSWR
Applications
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PE83IR1024 is a dual junction isolator offering 40 dB minimum of isolation over an operational frequency band of 11 to
10 GHz. This coaxial part uses SMA female connectors on all ports and has a power rating of 5 watts in forward and 1 watt in
reverse direction.
Pasternack Enterprises offers a wide variety of isolators to fit your needs. These are two-port devices that transmit microwave
or radio frequency power in one direction only and block the signal in the opposite direction. They can be thought of as a diode
for RF energy. Isolators are used to isolate equipment from the effects of conditions outside of the equipment. For instance
they are used to prevent a microwave source being detuned by a mismatched load. Pasternack’s isolators feature excellent
insertion loss, high isolation and reliability.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
11
18
GHz
Impedance
50
Ohms
Insertion Loss
1.2
dB
Isolation
40
dB
VSWR
1.25:1
Forward Power, CW
5
Watts
Reverse Power, CW
1
Watts
.
Mechanical Specifications
Size
Length
1.26 in [32 mm]
Width
0.56 in [14.22 mm]
Height
0.98 in [24.89 mm]
.
Weight
0.09 lbs [40.82 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Junction Isolator With 40 dB Isolation From 11 GHz to 18 GHz, 5 Watts And SMA Female
PE83IR1024
PE83IR1024 REV 1.0
Dual Junction Isolator With 40 dB Isolation From
11 GHz to 18 GHz, 5 Watts And SMA Female
Isolators Technical Data Sheet
PE83IR1024


Similar Part No. - PE83IR1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE83IR1020 PASTERNACK-PE83IR1020 Datasheet
391Kb / 5P
TECHNICAL DATA SHEET
PE83IR1021 PASTERNACK-PE83IR1021 Datasheet
389Kb / 5P
TECHNICAL DATA SHEET
PE83IR1022 PASTERNACK-PE83IR1022 Datasheet
408Kb / 5P
TECHNICAL DATA SHEET
PE83IR1023 PASTERNACK-PE83IR1023 Datasheet
406Kb / 5P
TECHNICAL DATA SHEET
More results

Similar Description - PE83IR1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE83IR1008 PASTERNACK-PE83IR1008 Datasheet
476Kb / 3P
Isolators Technical Data Sheet
PE83IR1009 PASTERNACK-PE83IR1009 Datasheet
478Kb / 3P
Isolators Technical Data Sheet
PE83IR1010 PASTERNACK-PE83IR1010 Datasheet
401Kb / 5P
Isolators Technical Data Sheet
PE83IR1010A PASTERNACK-PE83IR1010A Datasheet
401Kb / 5P
Isolators Technical Data Sheet
PE83IR1011 PASTERNACK-PE83IR1011 Datasheet
386Kb / 5P
Isolators Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com