Electronic Components Datasheet Search
  English  ▼

X  

CD74HCT258 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT258
Description  QUADRUPLE 2-LINE TO 1-LINE SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT258 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HCT258 Datasheet HTML 1Page - Texas Instruments CD74HCT258 Datasheet HTML 2Page - Texas Instruments CD74HCT258 Datasheet HTML 3Page - Texas Instruments CD74HCT258 Datasheet HTML 4Page - Texas Instruments CD74HCT258 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD54HCT258, CD74HCT258
QUADRUPLE 2-LINE TO 1-LINE SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCHS276A – MAY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
VCC
V
VO
Output voltage
VCC
V
∆t/∆v Input transition rise or fall rate
500
ns
TA
Operating free-air temperature
–55
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –6 mA
4.5 V
3.98
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.26
0.4
0.33
V
II
VI = VCC or 0
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or 0
5.5 V
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at VCC – 2.1 V, Other inputs at 0 or VCC
4.5 V to
5.5 V
100
360
490
450
µA
Ci
10
10
10
pF
Co
20
20
20
pF
† Additional quiescent supply current per input pin, TTL inputs high, 1 unit load. For dual-supply systems, theoretical worst-case
(VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
HCT INPUT LOADING TABLE
INPUT
UNIT LOAD
G
1.5
A or B
0.5
A/B
1.5
Unit Load is
∆ICC limit
specified
in
electrical
characteristics table (e.g.,
360
µA max at 25°C).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com