Electronic Components Datasheet Search
  English  ▼

X  

PE87FL1002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE87FL1002
Description  Bandpass Filters Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE87FL1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-5
-4
-3
-2
-1
0
11.70
11.80
11.90
12.00
12.10
12.20
12.30
12.40
12.50
12.60
12.70
12.80
0 dB
GHz
Insertion Loss
PE87FL1002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Section Bandpass Filter With SMA Female Connectors Operating From 11.7 GHz to 12.8
GHz With a 1.1 GHz Passband PE87FL1002
7 Section Bandpass Filter With SMA Female Connectors
Operating From 11.7 GHz to 12.8 GHz With a 1.1 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1002



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com