Electronic Components Datasheet Search
  English  ▼

X  

COM7805T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM7805T
Description  COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM7805T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM7805T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 2Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 3Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 1
3.3
COM7805T
COM7812T
809R0
COM7815T
Three Terminal, Fixed Voltage, 1.5 Amp
Precision Positive Regulators In Hermetic
JEDEC TO-257AA Package
(COTS) COMMERCIAL OFF-THE-SHELF POSITIVE
FIXED VOLTAGE REGULATORS IN TO-257 PA C K-
FEATURES
• Isolated Hermetic Package, JEDEC TO-257AA Outline
• Output Voltages: 5V, 12V, 15V
• Output Voltages Set Internally ±2%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Standard Off-The-Shelf
DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed
metal package whose outline is similar to the industry standard TO-220 plastic package. All
protective features are designed into the circuit including thermal shutdown, current limiting
and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current.
These units feature internally trimmed output voltages to +/- 2% of nominal voltage.
Standard voltages are 5V, 12V, and 15V.
However, other voltages are available up to 24
volts.
These units are ideally suited for Military applications where a hermetically sealed
package is required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage.................................................................. 35 V
Operating Junction Temperature Range .......................... - 55°C to + 150°C
Storage Temperature Range ..................................... - 65°C to + 150°C
Typical Power/Thermal Characteristics:
Rated Power @ 25° C
T
C .............................................. 17.5W
T
A ................................................. 3 W
Thermal Resistance
q
JC ........................................... 4.2°C/W
q
JA ............................................ 42°C/W


Similar Part No. - COM7805T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
COM7912T ETC1-COM7912T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
COM7915T ETC1-COM7915T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
More results

Similar Description - COM7805T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM137T ETC-COM137T Datasheet
18Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM117HVT ETC-COM117HVT Datasheet
30Kb / 2P
COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
COM140T ETC-COM140T Datasheet
52Kb / 4P
(COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
logo
Texas Instruments
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
FIXED POSITIVE VOLTAGE REGULATORS
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
FIXED POSITIVE VOLTAGE REGULATORS
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
Fixed Positive Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com