Electronic Components Datasheet Search
  English  ▼

X  

CY25823ZXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25823ZXC
Description  CK-SSCD Spread Spectrum Differential Clock Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25823ZXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25823ZXC Datasheet HTML 1Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 2Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 3Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 4Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 5Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 6Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 7Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 8Page - Cypress Semiconductor CY25823ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY25823
Document #: 38-07579 Rev. *C
Page 3 of 12
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
......................
39:46
Data byte from slave – 8 bits
....
Data Byte (N–1) –8 bits
47
Acknowledge
....
Acknowledge from slave
48:55
Data byte from slave – 8 bits
....
Data Byte N –8 bits
56
Acknowledge
....
Acknowledge from slave
....
Data bytes from slave/Acknowledge
....
Stop
....
Data byte N from slave – 8 bits
....
Not Acknowledge
....
Stop
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits (D4)
2:8
Slave address – 7 bits (D5)
9
Write = 1
9
Read = 1
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'100000xx' stands for byte operation, bits[1:0] of
the command code represents the offset of the
byte to be accessed
11:18
Command Code – 8 bits
'100000xx' stands for byte operation, bits[1:0]
of the command code represents the offset of
the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Byte 0: Control Register
Bit
@Power-up
Pin#
Name
Pin Description
7
0
11, 12
SS0
–
6
S1
11, 12
SS1
–
5
S2
11, 12
SS2
–
4
S3
11, 12
SS3
–
3
SEL100/96#
6
SEL100/96#
Select output frequency, 1 = 100 MHz, 0 = 96 MHz
Table 2. Block Read and Block Write Protocol (continued)
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com