Electronic Components Datasheet Search
  English  ▼

X  

CY29352AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29352AI
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29352AI Datasheet HTML 1Page - Cypress Semiconductor CY29352AI Datasheet HTML 2Page - Cypress Semiconductor CY29352AI Datasheet HTML 3Page - Cypress Semiconductor CY29352AI Datasheet HTML 4Page - Cypress Semiconductor CY29352AI Datasheet HTML 5Page - Cypress Semiconductor CY29352AI Datasheet HTML 6Page - Cypress Semiconductor CY29352AI Datasheet HTML 7Page - Cypress Semiconductor CY29352AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2.5V or 3.3V, 200-MHz, 11-Output
Zero Delay Buffer
CY29352
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07476 Rev. **
Revised March 19, 2003
Features
• Output frequency range: 16.67 MHz to 200 MHz
• Input frequency range: 16.67 MHz to 200 MHz
• 2.5V or 3.3V operation
• Split 2.5V/3.3V outputs
• ±2% max Output duty cycle variation
• 11 Clock outputs: Drive up to 22 clock lines
• LVCMOS reference clock input
• 125-ps max output-output skew
• PLL bypass mode
• Spread Aware
• Output enable/disable
• Pin compatible with MPC9352 and MPC952
• Industrial temperature range: –40°C to +85°C
• 32-Pin 1.0mm TQFP package
Description
The CY29352 is a low voltage high performance 200-MHz
PLL-based zero delay buffer designed for high speed clock
distribution applications.
The CY29352 features an LVCMOS reference clock input and
provides 11 outputs partitioned in 3 banks of 5, 4, and 2
outputs. Bank A divides the VCO output by 4 or 6 while Bank
B divides by 4 and 2 and Bank C divides by 2 and 4 per
SEL(A:C) settings, see Function Table. These dividers allow
output to input ratios of 3:1, 2:1, 3:2, 1:1, 2:3, 1:2, and 1:3.
Each LVCMOS compatible output can drive 50
Ω series or
parallel terminated transmission lines. For series terminated
transmission lines, each output can drive one or two traces
giving the device an effective fanout of 1:22.
The PLL is ensured stable given that the VCO is configured to
run between 200 MHz to 500 MHz. This allows a wide range
of output frequencies from 16.67 MHz to 200 MHz. For normal
operation, the external feedback input, FB_IN, is connected to
one of the outputs. The internal VCO is running at multiples of
the input reference clock set by the feedback divider, see
Table 1.
When PLL_EN# is HIGH, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply.
Block Diagram
Pin Configuration
÷2
÷4 /
÷6
QA0
VCO
200-500MHz
Phase
Detector
÷4 /
÷2
÷2 /
÷4
LPF
QA1
QA2
QA3
QA4
QB0
QB1
QB2
QB3
QC0
QC1
PLL_EN#
REFCLK
FB_IN
VCO_SEL
SELA
SELB
SELC
MR/OE#
CY29352
VSS
QB1
QB0
VDDQB
VDDQA
QA4
QA3
VSS
VCO_SEL
SELC
SELB
SELA
MR/OE#
REFCLK
AVSS
FB_IN
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY29352AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352AXI CYPRESS-CY29352AXI Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXI CYPRESS-CY29352AXI Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29352AXI CYPRESS-CY29352AXI Datasheet
443Kb / 10P
2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
More results

Similar Description - CY29352AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com