Electronic Components Datasheet Search
  English  ▼

X  

ESJW08 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # ESJW08
Description  High Current High Voltage Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

ESJW08 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  ESJW08 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD ESJW08 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESJW08
2.0A 8.0kV 150nS
High Current High Voltage Silicon Rectifier Diodes
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. Avalanche characteristic.
2. High current, low forward voltage.
3. High frequency, Fast recovery.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. X-ray power supply.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.55 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-722
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
8.0
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=55°C
2.0
A
TOIL=55°C
--
A
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 50Hz Half-Sine Wave; 8.3mS
50
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
9.6
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
10
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
150
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - ESJW08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
More results

Similar Description - ESJW08

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL1 EDI-2CL1 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
2CL2 EDI-2CL2 Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
2CL69 EDI-2CL69 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJW10 GETEDZ-ESJW10 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW06 GETEDZ-ESJW06 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com