Electronic Components Datasheet Search
  English  ▼

X  

DP83864AUT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83864AUT
Description  DP83864 Quad GigPHYTER 10/100/1000 Ethernet Physical Layer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83864AUT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83864AUT Datasheet HTML 1Page - National Semiconductor (TI) DP83864AUT Datasheet HTML 2Page - National Semiconductor (TI) DP83864AUT Datasheet HTML 3Page - National Semiconductor (TI) DP83864AUT Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 National Semiconductor Corporation
www.national.com
ADVANCED INFORMATION
September 2003
General Description
The DP83864 is an extremely efficient full featured Quad
Physical Layer transceiver with integrated PMD sublayers
to support 10BASE-T, 100BASE-TX and 1000BASE-T
Ethernet protocols.
The DP83864 contains four integrated ultra low power
Gigabit Physical layers. It uses advanced 0.18
µm, 1.8 V
CMOS technology, fabricated at National’s South Portland,
Maine facilities.
The DP83864 is designed for easy implementation of
10/100/1000 Mb/s Ethernet LANs. Each port interfaces
directly to Twisted Pair media via an external transformer.
This device interfaces directly to the MAC layer through the
IEEE 802.3u Standard Media Independent Interface (MII)
or the IEEE 802.3z Gigabit Media Independent Interface
(GMII). It also supports the reduced pin count RGMII (12
pins per port) and serial GMII (8 pins per port).
The DP83864 is a fourth generation of Gigabit Physical
layer product with field proven architecture and perfor-
mance. Its robust performance ensures drop in replace-
ment of existing 10/100M equipment with 10/100/1000M
Networking infrastructure.
Applications
The DP83864 fits applications in:
■ Switches with 10/100/1000 Mb/s capable ports
■ High speed uplink ports with redundancies (backbone)
■ Servers with Quad Ethernet ports
System Diagram
GigPHYTER
™
is a trademark of National Semiconductor Corporation.
DP83864
ETHERNET
100BASE-TX,
or
1000BASE-T
10/100/1000 Mb/s
10BASE-T,
MII
GMII
RGMII
SGMII
Quad Port
ETHERNET
10/100/1000 Mb/s
MAC
PHYSICAL LAYER
25 MHz or
125 MHz
Oscillator
Status
LED’s
Per Port
Features
■ IEEE compliant 10BASE-T,100BASE-TX, 1000BASE-T
■ Adaptive equalization and Baseline Wander comp.
■ IEEE 802.3u Auto-Negotiation and Parallel Detection
– Fully auto-negotiates between 1000 Mb/s, 100 Mb/s,
and 10 Mb/s full duplex and half duplex devices
■ 2.5 V/3.3 V MAC interfaces:
– IEEE 802.3u MII with programmable bus ordering
– IEEE 802.3z GMII with programmable bus ordering
– Reduced GMII (RGMII) ver. 1.3
– Serial GMII (SGMII)
■ LED support (Link10, Link100, Link1000, Activity and
Duplex indicators); Direct drive LED’s thru management
■ User Programmable Interrupt
■ A 25Mhz or 125Mhz oscillator as reference clock input
■ PHY level CRC checking on received packets and PHY
level CRC generation for test mode transmit packets
■ 292 BGA package
■ Power dissipation approximately 1 W / port
■ 1.8 V CMOS (core & analog); 2.5 V (analog & I/O); 3.3 V
is optional for 3.3 V I/O voltage
■ One management port per chip
■ Supports Auto-MDIX/polarity at all speeds
■ One JTAG interface per chip
DP83864 Quad GigPHYTER
™
10/100/1000 Ethernet Physical Layer


Similar Part No. - DP83864AUT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DP83864 PULSE-DP83864 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83864AUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
10/100 Mb/s Ethernet Physical Layer
DP83861VQM NSC-DP83861VQM Datasheet
741Kb / 88P
Gig PHYTER 10/100/1000 Ethernet Physical Layer
DP83865BVH NSC-DP83865BVH Datasheet
31Kb / 2P
Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83924BVCE NSC-DP83924BVCE Datasheet
447Kb / 42P
Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
DP83865 NSC-DP83865 Datasheet
591Kb / 86P
DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83865 NSC-DP83865_04 Datasheet
589Kb / 86P
10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83865DVH-NOPB TI1-DP83865DVH-NOPB Datasheet
628Kb / 88P
DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
10/100 Mb/s Ethernet Physical Layer
DP83867CS TI1-DP83867CS Datasheet
1Mb / 114P
High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com