Electronic Components Datasheet Search
  English  ▼

X  

STU1553 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STU1553
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1553 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STU1553 Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 8Page - SamHop Microelectronics Corp. STU1553 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
150
V
1
IGSS
±100
nA
VGS(th)
V
53
gFS
S
CISS
2317
pF
COSS
135
pF
CRSS
76
pF
Qg
52
nC
32
52
12
tD(ON)
24.5
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=75V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=12A
VDS=10V , ID=12A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=120V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
66
b
f=1.0MHz
b
www.samhop.com.tw
Jul,24,2015
2
VSD
nC
Qgs
nC
Qgd
4.5
8
Gate-Drain Charge
Gate-Source Charge
Diode Forward Voltage
VDS=75V,ID=12A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=7A
0.77
1.3
V
Notes
VDS=75V,ID=12A,VGS=10V
23
4
38
STU1553
STD1553
Ver 1.0
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Starting TJ=25°C,L=0.5mH,VDD = 50V.(See Figure13)
e.Mounted on FR4 Board of 1 inch2 , 2oz.
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com