Electronic Components Datasheet Search
  English  ▼

X  

PE3810 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3810
Description  SMA Male to SMB Plug Cable RF Cable Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3810 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3810 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3810 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3810 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3810 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMB Plug
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
69.5
%
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.31
0.36
0.44
0.58
0.78
dB/ft
[1.02]
[1.18]
[1.44]
[1.9]
[2.56]
[dB/m]
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.023 lbs [10.43 g]
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMB Plug Cable Using RG316 Coax PE3810
PE3810 REV
SMA Male to SMB Plug Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3810


Similar Part No. - PE3810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3810 PASTERNACK-PE3810 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG316/U SMA MALE TO SMB PLUG
PE3810-12 PASTERNACK-PE3810-12 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 12 Inch Length RF Cable Assemblies
PE3810-18 PASTERNACK-PE3810-18 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 18 Inch Length RF Cable Assemblies
PE3810-24 PASTERNACK-PE3810-24 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 24 Inch Length RF Cable Assemblies
PE3810-36 PASTERNACK-PE3810-36 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 36 Inch Length RF Cable Assemblies
More results

Similar Description - PE3810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3810-6 PASTERNACK-PE3810-6 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 6 Inch Length RF Cable Assemblies
PE3810-12 PASTERNACK-PE3810-12 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 12 Inch Length RF Cable Assemblies
PE3810-18 PASTERNACK-PE3810-18 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 18 Inch Length RF Cable Assemblies
PE3810-24 PASTERNACK-PE3810-24 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 24 Inch Length RF Cable Assemblies
PE3810-36 PASTERNACK-PE3810-36 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 36 Inch Length RF Cable Assemblies
PE3810-48 PASTERNACK-PE3810-48 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 48 Inch Length RF Cable Assemblies
PE3810-60 PASTERNACK-PE3810-60 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 60 Inch Length RF Cable Assemblies
PE3810-72 PASTERNACK-PE3810-72 Datasheet
355Kb / 4P
SMA Male to SMB Plug Cable 72 Inch Length RF Cable Assemblies
PE3810LF PASTERNACK-PE3810LF Datasheet
279Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMB PLUG
PE3819 PASTERNACK-PE3819_16 Datasheet
360Kb / 4P
SMA Male Right Angle to SMA Male Right Angle Cable RF Cable Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com