Electronic Components Datasheet Search
  English  ▼

X  

F1710 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1710
Description  AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1710 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1710 Datasheet HTML 1Page - Vishay Siliconix F1710 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1710-305V
Vishay Roederstein
Document Number 27606
To contact us: RFI@Vishay.com
www.vishay.com
Revision 03-Oct-02
75
Impedance (Z) as a function of frequency (f) at T
a = 20°C (average).
Measurement with lead length 6mm.
0.01
0.05 0.1
0.5 1.0
5.0 10
50 100
f
[MHz]
APPROVALS
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A
UL 1283
1000pFY - 0.1
µFY
E 76297
(for AC 250V)
UL 1414
1000pFY - 0.1
µFY
E 100682
Canada
(for AC 250V)
CB TEST-CERTIFICATE (for AC 305V)
1000pF - 0.1
µFY2 (X1)
DE 1-10088
EN 132 400, 1999-06
IEC 60384-14, 2nd edition, 1995-06
102
101
100
10-1
10-2
f
[MHz]
Supp. Capacitors Class Y2 (X1) AC 305V (MKT)
Germany
(for AC 305V)
1000pF - 0.1
µFY2 (X1)
136954L
C 22.2 No. 1-M 1994
1000pFY - 0.1
µFY
LR 64546-7
Preferred values in bold print.
* Further information about packaging quantities with different leadlength and/or taped versions.
See page 16 (Document No 27608 Packing Quantities). Use Box No as reference
**These capacitors can be delivered on continuous tape and reel see page 14/15 (Document Number 26535)
The ordering code is then: F1710 - . . . M 3 . 0R0 at H = 16.5mm, F1710 - . . . M 3 . 0W0 at H = 18.5mm.
102
101
100
10-1
10-2
0.01
0.05 0.1
0.5 1.0
5.0 10
50 100
CAPACITANCE
TOLERANCE
PITCH
BOX
DIMENSIONS
WEIGHT
QUANTITY
ORDERING CODE**
Code Pos 5-7
Code Pos 8
Code
NO
W x H x L
PACKAGE
(as class Y2
J =
±5%
Pos. 10
(Lead Length (Lead Length
and X1)
K =
±10%
6-1mm)
≤6-1mm)
M =
±20%
(mm)
(mm)+ 0.2 / - 0.4mm
(g)
(pcs)*
1-4
5-7
8
9
10
11-13
1000
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
210
M
3
F
. B0
1200
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
212
M
3
F
. B0
1500
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
215
M
3
F
. B0
1800
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
218
M
3
F
. B0
2200
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
222
M
3
F
. B0
2700
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
227
M
3
F
. B0
3300
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
233
M
3
F
. B0
3900
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
239
M
3
F
. B0
4700
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
247
M
3
F
. B0
5600
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
256
M
3
F
. B0
6800
pF
M
15
F
05
5.3 x 10.3 x 17.8
1.4
750
1710
268
M
3
F
. B0
8200
pF
M
15
F
06
6.3 x 12.3 x 17.8
2.0
500
1710
282
M
3
F
. B0
0.01
µF
M
15
F
06
6.3 x 12.3 x 17.8
2.0
500
1710
310
M
3
F
. B0
0.012
µF
M
15
F
07
7.3 x 13.3 x 17.8
2.4
450
1710
312
M
3
F
. B0
0.015
µF
M
15
F
07
7.3 x 13.3 x 17.8
2.4
450
1710
315
M
3
F
. B0
0.018
µF
M
15
F
28
8.3 x 17.3 x 17.8
3.4
300
1710
318
M
3
F
. B0
0.022
µF
M
15
F
28
8.3 x 17.3 x 17.8
3.4
300
1710
322
M
3
F
. B0
0.027
µF
M
22.5
I
09
6.3 x 14.3 x 26.3
3.5
260
1710
327
M
3
I
. . 0
0.033
µF
M
22.5
I
09
6.3 x 14.3 x 26.3
3.5
260
1710
333
M
3
I
. . 0
0.039
µF
M
22.5
I
11
7.3 x 15.3 x 26.3
3.9
235
1710
339
M
3
I
. . 0
0.047
µF
M
22.5
I
12
8.3 x 16.3 x 26.3
4.8
200
1710
347
M
3
I
. . 0
0.056
µF
M
22.5
I
13
10.3 x 18.3 x 26.3
6.6
170
1710
356
M
3
I
. . 0
0.068
µF
M
22.5
I
13
10.3 x 18.3 x 26.3
6.6
170
1710
368
M
3
I
. . 0
0.082
µF
M
27.5
K
14
11.0 x 20.3 x 31.3
9.4
125
1710
382
M
3
I
. . 0
0.1
µF
M
27.5
K
14
11.0 x 20.3 x 31.3
9.4
125
1710
410
M
3
I
. . 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com