Electronic Components Datasheet Search
  English  ▼

X  

PE88X2002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE88X2002
Description  Frequency Multipliers Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE88X2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• X2 Frequency Multiplier
• Wide Frequency Band
• GaAs HBT MMIC Technology
• Low Phase Noise -130 dBc/Hz @ 100 kHz offset
• Output Power +13 dBm
• Single +5V Bias Voltage
• Integrated DC Blocking Capacitors
• Hermetically Sealed Module
• Mil Spec Compliant
• Field Replaceable 2.92mm Connectors
• -55°C to +85°C Operating Temperature
Applications
• Electronic Warfare
• Electronic Countermeasures
• Point-To-Point Radio
• Point-To-Multipoint Radio
• VSAT Radios
• Fiber Optic
• Space Systems
• Test Instrumentation
• Telecom Infrastructure
.
Description
The PE88X2002 is a low noise X2 Active Broadband Frequency Multiplier Module that covers a wide output frequency bandwidth
from 32 GHz to 46 GHz. The design utilizes advanced GaAs HBT MMIC semiconductor technology that produces low additive
SSB phase noise performance with a typical level of -130 dBc/Hz at 100 kHz offset. Additional typical performance includes
an output power level of +13 dBm with an input signal of +3 dBm. Input/output ports are matched for 50 ohms and are DC
blocked. The design requires a single +5V DC supply. The compact drop-in package is RoHS compliant and hermetically
sealed with field replaceable 2.92mm connectors. And for added confidence, this rugged package assembly is designed to
meet MIL-STD-883 test conditions for Hermeticity and Temperature Cycle.
Electrical Specifications (TA= 25°C)
Description
Minimum
Typical
Maximum
Units
Input Frequency Range
16
23
GHz
Output Frequency Range
32
46
GHz
Impedance
50
Ohms
Output Power
+8
+13
dBm
Spurious Suppression
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2x Frequency Multiplier Module, 32 GHz to 46 GHz Output Frequency, +8 dBm Output Power,
Field Replaceable 2.92mm PE88X2002
PE88X2002 REV 1.0
2x Frequency Multiplier Module, 32 GHz to 46 GHz Output
Frequency, +8 dBm Output Power, Field Replaceable 2.92mm
Frequency Multipliers Technical Data Sheet
PE88X2002


Similar Part No. - PE88X2002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE88X2000 PASTERNACK-PE88X2000 Datasheet
466Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88X2001 PASTERNACK-PE88X2001 Datasheet
447Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88X2003 PASTERNACK-PE88X2003 Datasheet
482Kb / 6P
Frequency Multipliers Technical Data Sheet
More results

Similar Description - PE88X2002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
PE88D2000 PASTERNACK-PE88D2000 Datasheet
495Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D4000 PASTERNACK-PE88D4000 Datasheet
492Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D5000 PASTERNACK-PE88D5000 Datasheet
355Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88D8000 PASTERNACK-PE88D8000 Datasheet
494Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88X2000 PASTERNACK-PE88X2000 Datasheet
466Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88X2001 PASTERNACK-PE88X2001 Datasheet
447Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88X2003 PASTERNACK-PE88X2003 Datasheet
482Kb / 6P
Frequency Multipliers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com