Electronic Components Datasheet Search
  English  ▼

X  

PE4621 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4621
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4621 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4621 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4621 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4621 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal,
.480 inch D Hole PE4621
URL: http://www.pasternack.com/bnc-female-standard-turret-terminal-connector-pe4621-p.aspx
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector
Solder Attachment Turret Terminal, .480 inch D Hole
PE4621
PE4621 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com