Electronic Components Datasheet Search
  English  ▼

X  

PE4623 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4623
Description  RF Connectors Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4623 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4623 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4623 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4623 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
• 4 Hole Flange
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE4623 75 ohm BNC female 4 hole flange mount connector with clamp/solder attachment for RG59, RG62 and
RG71 (.500 inch threaded hole spacing) is part of our full line of RF components available for same-day shipping. This BNC
4 hole flange connector allows designers to create external connections on their product enclosures, and can be used in a
variety of other rack mount and panel mount applications.
Our 75 ohm BNC female 4 hole flange connector PE4623 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.12 in [28.45 mm]
Width/Dia.
0.687 in [17.45 mm]
Height
0.687 in [17.45 mm]
.
Weight
0.041 lbs [18.6 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG59,
RG62, RG71, .500 inch Threaded Hole Spacing PE4623
PE4623 REV 1.1
75 Ohm BNC Female Connector Clamp/Solder
Attachment 4 Hole Flange Mount for RG59, RG62,
RG71, .500 inch Threaded Hole Spacing
RF Connectors Technical Data Sheet
PE4623


Similar Part No. - PE4623

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4621 PASTERNACK-PE4621 Datasheet
220Kb / 3P
TECHNICAL DATA SHEET
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4625 PASTERNACK-PE4625 Datasheet
213Kb / 3P
75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
More results

Similar Description - PE4623

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4994 PASTERNACK-PE4994 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com