Electronic Components Datasheet Search
  English  ▼

X  

FB1502L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FB1502L
Description  15 Amp. Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FB1502L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FB1502L Datasheet HTML 1Page - List of Unclassifed Manufacturers FB1502L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves
VF ' instantaneous forward voltage (V)
Number of cycles at 50Hz
1
2
4
6
10
20
40
60 100
1000
500
100
50
10
5
1
0.5
0.1
0
0.4
0.8
1.2
1.6
Tj = 25ºC
300
250
200
150
100
50
0
FB15
Tamb, ambient temperature (°C)
IF (AV)´ average forward current (A)
60
50
40
30
20
10
50
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
0
50
100
150
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
Jan - 00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com