Electronic Components Datasheet Search
  English  ▼

X  

PE4949 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4949
Description  RF Connectors Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4949 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4949 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4949 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4949 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• C Male Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4949 type C male right angle connector with crimp/solder attachment for RG214, RG9, RG225 and RG393
is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces.
Our type C male right angle connector PE4949 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2.16 in [54.86 mm]
Width/Dia.
1.3 in [33.02 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.127 lbs [57.61 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
Coupling Nut
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: C Male Right Angle Connector Crimp/Solder Attachment for RG214, RG9, RG225,
RG393 PE4949
PE4949 REV 1.1
C Male Right Angle Connector Crimp/Solder
Attachment for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4949


Similar Part No. - PE4949

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE4943 PASTERNACK-PE4943 Datasheet
116Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT FOR BELDEN 9913 & 9914 PE-B405 PE-B400 PE-C400 LMR400
PE4944 PASTERNACK-PE4944 Datasheet
103Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR BELDEN 9913 @ 9914 PE-B405 PE-B400 PE-C400 &LMR400
More results

Similar Description - PE4949

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4994 PASTERNACK-PE4994 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com