Electronic Components Datasheet Search
  English  ▼

X  

PE4953 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4953
Description  RF Connectors Technical Data Sheet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4953 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4953 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4953 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Configuration
• C Male Connector
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188 Interface Type
• Clamp/Solder Attachment
.
Mechanical Specifications
Size
Length
1.4 in [35.56 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.089 lbs [40.37 g]
.
Material Specifications
Description
Material
Plating
Body
Brass
Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
C Male Connector Clamp/Solder Attachment for RG174, RG316, RG188 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Connector Clamp/Solder Attachment for RG174, RG316, RG188 PE4953
URL: http://www.pasternack.com/c-male-standard-rg174-rg316-rg188-connector-pe4953-p.aspx
PE4953 REV 1.0
C Male Connector Clamp/Solder Attachment
for RG174, RG316, RG188
RF Connectors Technical Data Sheet
PE4953


Similar Part No. - PE4953

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4950 PASTERNACK-PE4950 Datasheet
229Kb / 2P
C Male Connector Clamp/Solder Attachment For RG213,RG214, RG8, RG9, RG11, RG225, RG393, High Voltage
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE4955 PASTERNACK-PE4955 Datasheet
84Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4953

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4994 PASTERNACK-PE4994 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com