Electronic Components Datasheet Search
  English  ▼

X  

PE4993 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4993
Description  RF Connectors Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4993 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4993 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4993 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4993 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Mini SMB Plug Connector
• 75 Ohms
• Straight Body Geometry
• RG179, RG187 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Excellent VSWR of 1.2:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4993 75 ohm Mini SMB plug connector with crimp/solder attachment for RG179 and RG187 is part of our full
line of RF components available for same-day shipping. Our Mini SMB plug connector operates up to a maximum frequency
of 1,000 MHz and offers excellent VSWR of 1.2:1.
Our 75 ohm Mini SMB plug connector PE4993 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.2:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
1.028 in [26.11 mm]
Width/Dia.
0.305 in [7.75 mm]
.
Weight
0.015 lbs [6.8 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Plug Connector Crimp/Solder Attachment for RG179, RG187 PE4993
PE4993 REV 1.2
75 Ohm Mini SMB Plug Connector Crimp/
Solder Attachment for RG179, RG187
RF Connectors Technical Data Sheet
PE4993


Similar Part No. - PE4993

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4991 PASTERNACK-PE4991 Datasheet
98Kb / 1P
2.9mm FEMALE BULKHEAD SOLDER CLAMP ATTACHMENT FOR 118 SEMI RIGID
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4994 PASTERNACK-PE4994 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4995 PASTERNACK-PE4995 Datasheet
217Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
More results

Similar Description - PE4993

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com