Electronic Components Datasheet Search
  English  ▼

X  

PE4994 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4994
Description  RF Connectors Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4994 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4994 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4994 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4994 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Mini SMB Plug Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4994 75 ohm Mini SMB plug connector with crimp/solder attachment for RG59, RG62 and RG71 is part of our
full line of RF components available for same-day shipping.
Our 75 ohm Mini SMB plug connector PE4994 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.144 in [29.06 mm]
Width/Dia.
0.305 in [7.75 mm]
.
Weight
0.012 lbs [5.44 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Plug Connector Crimp/Solder Attachment for RG59, RG62, RG71 PE4994
PE4994 REV 1.1
75 Ohm Mini SMB Plug Connector Crimp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4994


Similar Part No. - PE4994

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4991 PASTERNACK-PE4991 Datasheet
98Kb / 1P
2.9mm FEMALE BULKHEAD SOLDER CLAMP ATTACHMENT FOR 118 SEMI RIGID
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4993 PASTERNACK-PE4993 Datasheet
316Kb / 3P
RF Connectors Technical Data Sheet
PE4995 PASTERNACK-PE4995 Datasheet
217Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
More results

Similar Description - PE4994

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com