Electronic Components Datasheet Search
  English  ▼

X  

PE4997 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4997
Description  RF Connectors Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4997 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4997 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4997 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4997 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Mini SMB Jack Connector
• 75 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max Frequency 2 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Space Saving for PCB Applications
.
Description
Pasternack’s PE4997 75 ohm Mini SMB jack connector with solder attachment for thru hole PCB (.200 inch x .055 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our Mini SMB jack connector operates up
to a maximum frequency of 2 GHz.
Our 75 ohm Mini SMB jack connector PE4997 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.448 in [11.38 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.25 in [6.35 mm]
.
Weight
0.003 lbs [1.36 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch
Hole Spacing PE4997
PE4997 REV 1.1
75 Ohm Mini SMB Jack Connector Solder Attachment
Thru Hole PCB, .200 inch x .055 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4997


Similar Part No. - PE4997

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4990 PASTERNACK-PE4990 Datasheet
265Kb / 2P
2.92mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4991 PASTERNACK-PE4991 Datasheet
98Kb / 1P
2.9mm FEMALE BULKHEAD SOLDER CLAMP ATTACHMENT FOR 118 SEMI RIGID
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
PE4993 PASTERNACK-PE4993 Datasheet
316Kb / 3P
RF Connectors Technical Data Sheet
PE4994 PASTERNACK-PE4994 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
More results

Similar Description - PE4997

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4578 PASTERNACK-PE4578_16 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4619 PASTERNACK-PE4619 Datasheet
330Kb / 3P
RF Connectors Technical Data Sheet
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
RF Connectors Technical Data Sheet
PE4937 PASTERNACK-PE4937 Datasheet
317Kb / 3P
RF Connectors Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4992 PASTERNACK-PE4992 Datasheet
383Kb / 3P
RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com