Electronic Components Datasheet Search
  English  ▼

X  

PE6044 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6044
Description  PASTERNACK ENTERPRISES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6044 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6044 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6045 PASTERNACK-PE6045 Datasheet
77Kb / 1P
SMB JACK RESISTOR TERMINATION
More results

Similar Description - PE6044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4667 PASTERNACK-PE4667 Datasheet
119Kb / 1P
PASTERNACK ENTERPRISES
PE4744 PASTERNACK-PE4744 Datasheet
104Kb / 1P
PASTERNACK ENTERPRISES
PE4755 PASTERNACK-PE4755 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4812 PASTERNACK-PE4812 Datasheet
95Kb / 1P
PASTERNACK ENTERPRISES
PE4843 PASTERNACK-PE4843 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4856 PASTERNACK-PE4856 Datasheet
120Kb / 1P
PASTERNACK ENTERPRISES
PE4939 PASTERNACK-PE4939 Datasheet
101Kb / 1P
PASTERNACK ENTERPRISES
PE4968 PASTERNACK-PE4968 Datasheet
86Kb / 1P
PASTERNACK ENTERPRISES
PE6053 PASTERNACK-PE6053 Datasheet
78Kb / 1P
PASTERNACK ENTERPRISES
PE3149LF-60 PASTERNACK-PE3149LF-60 Datasheet
155Kb / 1P
Pasternack Enterprises
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com