Electronic Components Datasheet Search
  English  ▼

X  

EL5224IREZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5224IREZ
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5224IREZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL5224IREZ Datasheet HTML 1Page - Intersil Corporation EL5224IREZ Datasheet HTML 2Page - Intersil Corporation EL5224IREZ Datasheet HTML 3Page - Intersil Corporation EL5224IREZ Datasheet HTML 4Page - Intersil Corporation EL5224IREZ Datasheet HTML 5Page - Intersil Corporation EL5224IREZ Datasheet HTML 6Page - Intersil Corporation EL5224IREZ Datasheet HTML 7Page - Intersil Corporation EL5224IREZ Datasheet HTML 8Page - Intersil Corporation EL5224IREZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pinouts
EL5224
(24-PIN HTSSOP)
TOP VIEW
EL5324
(28-PIN HTSSOP)
TOP VIEW
EL5324 & EL5424
(32-PIN QFN)
TOP VIEW
EL5224
(24-PIN QFN)
TOP VIEW
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VIN1
VIN2
VIN3
VIN4
VS+
VIN5
VIN6
VIN7
VIN8
VSA+
VINA+
NC
VOUT1
VOUT2
VOUT3
VOUT4
VS-
VOUT5
VOUT6
VOUT7
VOUT8
VSA-
VINA-
VOUTA
THERMAL
PAD
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
28
27
26
25
VIN1
VIN2
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VIN9
VIN10
VSA+
VINA+
NC
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
VOUT9
VOUT10
VSA-
VINA-
VOUTA
THERMAL
PAD
25
24
23
22
21
20
19
1
2
3
4
5
6
7
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
8
9
18
17
VOUT9
VOUT10
VIN9
VIN10
*Not available in EL5324
THERMAL
PAD
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VIN3
VIN4
VS+
VIN5
VIN6
VIN7
VIN8
VOUT3
VOUT4
VS-
VOUT5
VOUT6
VOUT7
VOUT8
THERMAL
PAD
EL5224, EL5324, EL5424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com