Electronic Components Datasheet Search
  English  ▼

X  

PE3480-180 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3480-180
Description  BNC Twinax Plug to BNC Twinax Plug Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3480-180 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3480-180 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3480-180 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3480-180 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3480-180 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3480
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3480-12 = 12 inches long cable
PE3480-100cm = 100 cm long cable
BNC Twinax Plug to BNC Twinax Plug Cable 180 Inch Length Using 78 Ohm RG108 Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Plug to BNC Twinax Plug Cable 180 Inch Length Using 78 Ohm RG108 Coax
PE3480-180
URL: http://www.pasternack.com/bnc-twinax-plug-bnc-twinax-plug-rg108au-cable-assembly-pe3480-180-p.aspx
PE3480-180 REV 1.1
RF Cable Assemblies Technical Data Sheet
BNC Twinax Plug to BNC Twinax Plug Cable
180 Inch Length Using 78 Ohm RG108 Coax
PE3480-180



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com