Electronic Components Datasheet Search
  English  ▼

X  

BCR2PM Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR2PM
Description  LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR2PM Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR2PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR2PM
LOW POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
APPLICATION
Switching mode power supply, light dimmer, electric flasher unit,
control of household equipment such as TV sets · stereo · refrigerator · washing machine · infrared
kotatsu · carpet, solenoid drivers, small motor control,
copying machine, electric tool,
other general purpose control applications
BCR2PM
V1. Gate open.
OUTLINE DRAWING
Dimensions
in mm
TO-220F
TYPE
NAME
VOLTAGE
CLASS
φ3.2 ± 0.2
1.3
MAX
0.8
2.54
10.5
MAX
5.2
2.54
2.8
0.5
2.6
Œ

Ž
Œ Ž
Œ

Ž
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
¡IT (RMS) ........................................................................ 2A
¡VDRM ..............................................................400V/600V
¡IRGT !, IRGT # ....................................................... 10mA
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
2
10
0.41
1
0.1
6
1
–40 ~ +125
–40 ~ +125
2.0
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage V1
Non-repetitive peak off-state voltage
V1
Voltage class
Unit
V
V
MAXIMUM RATINGS
8
400
500
12
600
720


Similar Part No. - BCR2PM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
Triac Low Power Use
BCR2PM-12RA RENESAS-BCR2PM-12RA Datasheet
120Kb / 7P
Triac Low Power Use
BCR2PM-12RA-A8 RENESAS-BCR2PM-12RA-A8 Datasheet
120Kb / 7P
Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
Triac Low Power Use
logo
Inchange Semiconductor ...
BCR2PM-12RE ISC-BCR2PM-12RE Datasheet
219Kb / 1P
isc Thyristors
More results

Similar Description - BCR2PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR08AS-8 MITSUBISHI-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM-14 MITSUBISHI-BCR3KM-14 Datasheet
31Kb / 2P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM MITSUBISHI-BCR3KM Datasheet
48Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3PM MITSUBISHI-BCR3PM Datasheet
92Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5PM MITSUBISHI-BCR5PM Datasheet
93Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
CR05AS MITSUBISHI-CR05AS Datasheet
67Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR08AS-8 POWEREX-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR08AS POWEREX-BCR08AS Datasheet
63Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AS RENESAS-BCR08AS_15 Datasheet
122Kb / 8P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com