Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021B-TC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB021B-TC
Description  2-megabit 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-TC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB021B-TC Datasheet HTML 1Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
AT45DB021B
1937F–DFLSH–10/02
Memory Architecture Diagram
Device Operation
The device operation is controlled by instructions from the host processor. The list of
instructions and their associated opcodes are contained in Tables 1 through 4 (pages 10
and 11). A valid instruction starts with the falling edge of CS followed by the appropriate
8-bit opcode and the desired buffer or main memory address location. While the CS pin
is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or
main memory address location through the SI (serial input) pin. All instructions,
addresses, and data are transferred with the most significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA8 - BFA0 to
denote the nine address bits required to designate a byte address within a buffer. Main
memory addressing is referenced using the terminology PA9 -PA0 and BA8 -BA0 where
PA9 -PA0 denotes the 10 address bits required to designate a page address and BA8 -
BA0 denotes the nine address bits required to designate a byte address within the page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from
either one of the two data buffers. The DataFlash supports two categories of read
modes in relation to the SCK signal. The differences between the modes are in respect
to the inactive state of the SCK signal as well as which clock cycle data will begin to be
output. The two categories, which are comprised of four modes total, are defined as
Inactive Clock Polarity Low or Inactive Clock Polarity High and SPI Mode 0 or SPI
Mode 3. A separate opcode (refer to Table 1 on page 10 for a complete list) is used to
select which category will be used for reading. Please refer to the “Detailed Bit-level
Read Timing” diagrams in this datasheet for details on the clock cycle sequences for
each mode.
CONTINUOUS ARRAY READ: By supplying an initial starting address for the main
memory array, the Continuous Array Read command can be utilized to sequentially
read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash
incorporates an internal address counter that will automatically increment on every clock
SECTOR 0a = 8 Pages
2112 bytes (2K + 64)
SECTOR 0b = 248 Pages
65,472 bytes (62K + 1984)
Block = 2112 bytes
(2K + 64)
8 Pages
SECTOR 0
Page = 264 bytes
(256 + 8)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 1022
PAGE 1023
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 1021
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 126
BLOCK 127
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
BLOCK 2
SECTOR 0c = 256 Pages
67,584 bytes (64K + 2K)
SECTOR 1 = 512 Pages
135,168 bytes (128K + 4K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com