Electronic Components Datasheet Search
  English  ▼

X  

2CL82 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL82
Description  5.0mA 30kV 100nS--High Voltage Silicon Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL82 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL82 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL82 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL82
5.0mA 30kV 100nS--High Voltage Silicon Rectifier Diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 1 / 2
INTRODUCE:
SHAPE DISPLAY:
HVGT high voltage silicon rectifier diodes is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SIZE: (Unit:mm)
HVGT NAME: DO-312
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.30 grams (approx).
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
30
kV
Average Forward Current Maximum
IFAVM
TA=25°C
5.0
mA
TOIL=--°C
--
mA
Suege Current
IFSM
TA=25°C; Half-Sine Wave; 8.3mS
0.5
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
55
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
5.0
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
1.0
pF


Similar Part No. - 2CL82

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL82 GETEDZ-2CL82 Datasheet
101Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL82 SUNMATE-2CL82 Datasheet
215Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL82 GETEDZ-2CL82_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
More results

Similar Description - 2CL82

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJA56-30A GETEDZ-ESJA56-30A Datasheet
468Kb / 1P
5.0A 30kV--High voltage silicon rectifier diode
2CL2FP GETEDZ-2CL2FP_16 Datasheet
457Kb / 1P
100mA 30Kv 100nS--High voltage silicon rectifier diode
2CLG30KV2A GETEDZ-2CLG30KV2A Datasheet
468Kb / 1P
2.0A 30kV 100nS--High voltage silicon rectifier stack
2CLG30KV3A GETEDZ-2CLG30KV3A Datasheet
468Kb / 1P
3.0A 30kV 100nS--High voltage silicon rectifier stack
2CL79 GETEDZ-2CL79_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
2CL82 GETEDZ-2CL82_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
HV10G14 GETEDZ-HV10G14_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
HV10G30 GETEDZ-HV10G30_16 Datasheet
339Kb / 2P
10mA 30kV 100nS-HIGH VOLTAGE DIODE
JB06 GETEDZ-JB06 Datasheet
618Kb / 2P
5.0mA 6.0kV 100nS-- High Voltage Diodes
HV55G30 GETEDZ-HV55G30_17 Datasheet
537Kb / 2P
55mA 30kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com