Electronic Components Datasheet Search
  English  ▼

X  

ICS87608I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS87608I
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS87608I Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
5
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDOX = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
X
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
8
1A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
A
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
2A
m
I
B
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
2A
m
V
X
O
D
D
V
s
e
t
o
n
e
d
A
O
D
D
V
,
B
O
D
D
.
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDOX = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
1
x
L
E
S
_
V
I
D
,
0
x
L
E
S
_
V
I
D
,
R
M
,
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
L
E
S
_
L
L
P
,
N
I
_
B
F
,
L
E
S
_
L
A
T
X
2V
D
D
3
.
0
+V
N
I
_
F
E
R2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
1
x
L
E
S
_
V
I
D
,
0
x
L
E
S
_
V
I
D
,
R
M
,
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
L
E
S
_
L
L
P
,
N
I
_
B
F
,
L
E
S
_
L
A
T
X
3
.
0
-8
.
0V
N
I
_
F
E
R3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
1
x
L
E
S
_
V
I
D
,
0
x
L
E
S
_
V
I
D
,
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
N
I
_
B
F
,
R
M
V
D
D
=V
N
I
V
5
6
4
.
3
=0
5
1A
µ
L
E
S
_
L
L
P
,
L
E
S
_
L
A
T
XV
D
D
=V
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
1
x
L
E
S
_
V
I
D
,
0
x
L
E
S
_
V
I
D
,
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
N
I
_
B
F
,
R
M
V
D
D
=,
V
5
6
4
.
3
V
N
I
V
0
=
5
-A
µ
L
E
S
_
L
L
P
,
L
E
S
_
L
A
T
X
V
D
D
=,
V
5
6
4
.
3
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
D
D
=V
N
I
V
5
6
4
.
3
=6
.
2V
V
D
D
=V
N
I
V
5
2
6
.
2
=8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
X
O
D
D
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com