Electronic Components Datasheet Search
  English  ▼

X  

MBR20200CT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR20200CT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20200CT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR20200CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20200CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1. Typical Forward Voltage (Per Leg)
100
70
50
20
10
7
5
2
1
0.2
0.4
0.6
0.8
1
TJ = 125°C
TJ = 100°C
TJ = 25°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TJ = 150°C
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0.1
0.01
20
40
60
80
100 120 140
160 180 200
TJ = 125°C
TJ = 100°C
TJ = 150°C
TJ = 25°C
Figure 2. Typical Reverse Current (Per Leg)
0
40
36
32
28
24
20
16
12
8
4
0
0
5
10
15
20
25
30
35
TJ = 125°C
10
dc
SQUARE
WAVE
IPK
IAV
= 20
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Forward Power Dissipation
25
20
15
10
5
0
90
100
110
120
130
140
150
160
TC, CASE TEMPERATURE (°C)
Figure 4. Current Derating, Case
SQUARE
WAVE
dc
RATED VOLTAGE
RθJC = 2°C/W
RθJA = 16°C/W
RATED VOLTAGE
20
16
12
8
4
0
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Current Derating, Ambient
dc
SQUARE
WAVE
0
25
50
75
100
125
150
175
500
400
300
200
100
0
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
1
2
5
10
20
50 70 100
Figure 6. Typical Capacitance (Per Leg)
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200CT
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com