Electronic Components Datasheet Search
  English  ▼

X  

PFFM101-M Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # PFFM101-M
Description  1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFFM101-M Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  PFFM101-M Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFFM101-M Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFFM101-M Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
PFFM101-M
F1
PFFM102-M
F2
PFFM103-M
F3
PFFM104-M
F4
PFFM105-M
F5
PFFM106-M
F6
PFFM107-M
F7
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.055 (1.40)
A
0.075 (1.90)
C
0.075 (1.90)
PACKAGE
SOD-123
-L
3
www.paceleader.tw
1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
PFFM101 - M TH RU PFFM107- M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com