Electronic Components Datasheet Search
  English  ▼

X  

PHFM201 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PHFM201
Description  2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PHFM201 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PHFM201 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PHFM201 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Pb-Free package is available
RoHS product for packing code suffix "G"
Halohen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic, DO-214AA (SMB)
* Epoxy: Device has Ulflammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.093 gram ( Approximated)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL PHFM201 PHFM202 PHFM203 PHFM204 FHFM205 PHFM206 PHFM207 PHFM208
UNIT
Marking Code
2H1
2H2
2H3
2H4
2H5
2H6
2H7
2H8
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Current
at TA = 50℃
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
RΘJC
Typical Junction Capacitance (Note 2)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL
UNIT
Maximum Forward Voltage at 2.0A DC
VF
1.30
Volts
Maximum Full load Reverse Current, Full
cycle Average TA=55℃
Maximum DC Reverse Current
@ TA = 25℃
at Rated DC Blocking Voltage
@ TA = 125℃
Maximum Reverse Recovery Time (Note 3)
Trr
nSec
NOTES :1.Thermal Resistance: Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
℃/W
5.0
100.0
IR
50.00
μAmps
1.00
50
75
THRU
2.0
-55 to +150
50
70
-55 to +150
PHFM208
20
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
20
Typical Thermal Resistance (Note 1)
PHFM201
30
1.70
CHARACTERISTICS
Amps
Amps
IO
IFSM
SMB PACKAGE
*
Dimensions in inches and (millimeters)
.191(4.85)
.160(4.06)
.115(3.94)
.130(3.30)
.086(2.20)
.075(1.91)
.220(5.59)
.199(5.05)
.096(2.44)
.083(2.13)
.012(0.30)
.006(0.15)
.060(1.52)
.029(0.75)
.008(2.03)
.001(0.02)
1
www.paceleader.tw
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PHFM201
PHFM202
PHFM203
PHFM204
FHFM205
PHFM206 PHFM2 07 PHFM208
ES2A-L
THRU
ES2J-L
2 Amp Super Fast
Recovery Rectifier
50 to 600 Volts
MaximumRatings
•
Operating Temperature: -65
to +1
75
•
Storage Temperature: -65
to +1
75
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
ES
2A-L
50V
35V
50V
ES
2B-L
100V
70V
100V
ES
2D-L
200V
140V
200V
ES
2G-L
400V
280V
400V
ES
2J-L
600V
420V
600V
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Average Forward
Current
IF(AV)
2.0A
TL= 110
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES
2A-L-ES2D-L
ES
2G-L
ES
2J-L
VF
.95V
1.
25V
1.70V
IFM = 2.0A;TJ=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
1mA
TA = 25
TA = 100
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
          
          
          
          
          
          
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
D
20
12/05/25
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Super fast switching speed under 35ns
Marking : Cathode band and type number (No '-L' Suffix)
Features
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
ES
2J-L
.975V(Typ) IFM = 2.0A;TJ=150
oC
1.25V(Max)


Similar Part No. - PHFM201

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PHFM101 PACELEADER-PHFM101 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PHFM102 PACELEADER-PHFM102 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PHFM103 PACELEADER-PHFM103 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PHFM104 PACELEADER-PHFM104 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PHFM105 PACELEADER-PHFM105 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
More results

Similar Description - PHFM201

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR207 MOSPEC-SR207 Datasheet
217Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
SR27 MOSPEC-SR27 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
logo
WILLAS ELECTRONIC CORP
MB22S WILLAS-MB22S Datasheet
191Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
SFM21L WILLAS-SFM21L Datasheet
885Kb / 2P
2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
SUNMATE electronic Co.,...
SD101AW SUNMATE-SD101AW Datasheet
125Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
E-CMOS Corporation
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
logo
PACELEADER INDUSTRIAL
PHFM101 PACELEADER-PHFM101 Datasheet
774Kb / 2P
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PHFM301 PACELEADER-PHFM301 Datasheet
838Kb / 2P
3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com