Electronic Components Datasheet Search
  English  ▼

X  

PHFM103 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PHFM103
Description  1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PHFM103 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PHFM103 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PHFM103 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Pb-Free package is available
RoHS product for packing code suffix "G"
Halohen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic, DO-214AC (SMA)
* Epoxy: Device has Ulflammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.064 gram ( Approximated)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL PHFM101 PHFM102 PHFM103 PHFM104 PHFM105 PHFM106 PHFM107 PHFM108
UNIT
Marking Code
H1
H2
H3
H4
H5
H6
H7
H8
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Current
at TA = 50℃
Peak Forward Surge Current 8.3 ms single half sine-wa
superimposed on rated load (JEDEC method)
RΘJA
RΘJC
Typical Junction Capacitance (Note 2)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL PHFM101 PHFM102 PHFM103 PHFM104 PHFM105 PHFM106 PHFM107 PHFM108
UNIT
Maximum Forward Voltage at 1.0A DC
VF
1.30
Volts
Maximum Full load Reverse Current, Full
cycle Average TA=55℃
Maximum DC Reverse Current
@ TA = 25℃
at Rated DC Blocking Voltage
@ TA = 125℃
Maximum Reverse Recovery Time (Note 3)
Trr
nSec
NOTES :1.Thermal Resistance: Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
℃/W
5.0
100.0
IR
50.00
μAmps
1.00
50
75
THRU
1.0
-55 to +150
30
75
-55 to +150
PHFM108
12
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
25
Typical Thermal Resistance (Note 1)
PHFM101
15
1.70
CHARACTERISTICS
Amps
Amps
IO
IFSM
Dimensions in inches and (millimeters)
SMA
.181(4.60)
.160(4.06)
.110(2.79)
.086(2.18)
.067(1.70)
.051(1.29)
.208(5.28)
.188(4.80)
.091(2.31)
.067(1.70)
.012(.305)
.006(.152)
.059(1.50)
.035(0.89)
.008
(.203)
Max.
*
1
www.paceleader.tw
1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
ES2A-L
THRU
ES2J-L
2 Amp Super Fast
Recovery Rectifier
50 to 600 Volts
MaximumRatings
•
Operating Temperature: -65
to +1
75
•
Storage Temperature: -65
to +1
75
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
ES
2A-L
50V
35V
50V
ES
2B-L
100V
70V
100V
ES
2D-L
200V
140V
200V
ES
2G-L
400V
280V
400V
ES
2J-L
600V
420V
600V
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Average Forward
Current
IF(AV)
2.0A
TL= 110
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES
2A-L-ES2D-L
ES
2G-L
ES
2J-L
VF
.95V
1.
25V
1.70V
IFM = 2.0A;TJ=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
1mA
TA = 25
TA = 100
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
          
          
          
          
          
          
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
D
20
12/05/25
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Super fast switching speed under 35ns
Marking : Cathode band and type number (No '-L' Suffix)
Features
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
ES
2J-L
.975V(Typ) IFM = 2.0A;TJ=150
oC
1.25V(Max)


Similar Part No. - PHFM103

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PHFM201 PACELEADER-PHFM201 Datasheet
629Kb / 2P
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PHFM202 PACELEADER-PHFM202 Datasheet
629Kb / 2P
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PHFM203 PACELEADER-PHFM203 Datasheet
629Kb / 2P
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PHFM204 PACELEADER-PHFM204 Datasheet
629Kb / 2P
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
PHFM206 PACELEADER-PHFM206 Datasheet
629Kb / 2P
2.0A Surface Mount High Effclency Rectifiers -50V - 100V
More results

Similar Description - PHFM103

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Taiwan Memory Technolog...
S1A TMT-S1A_16 Datasheet
364Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
2A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
4A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
5A, 50V - 1000V Surface Mount Rectifiers
logo
PACELEADER INDUSTRIAL
PFFM101-M PACELEADER-PFFM101-M Datasheet
537Kb / 3P
1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
PHFM301 PACELEADER-PHFM301 Datasheet
838Kb / 2P
3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com