Electronic Components Datasheet Search
  English  ▼

X  

PHFM307 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PHFM307
Description  3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PHFM307 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PHFM307 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PHFM307 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE, (
O C)
25
2.5
3.0
0
2.0
1.5
1.0
0.5
75
50
175
100
125
150
RATING AND CHARACTERISTICS CURVES
FIG .2 T Y P IC A L F O R W A R D C U R R E N T
D E R A TIN G C U R V E
FIG .1 TE S T CIR C UIT DIA G R A M A N D R E V E R S E R E C O V E R Y TIM E C H A R A C TE RIS TIC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
10
1.0
1000
100
60
20
40
80
100
120
140
FIG .3 T Y PIC A L R E V E R S E
C H A R A C TE RIS TIC S
trr
+0.5A
50
NONINDUCTIVE
10
NONINDUCTIVE
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR 50/100 ns/cm
NOTES:
1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
T A = 25
O C
T A = 75
O C
T A = 125
O C
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
10
30
20
50
100
125
150
200
1.0
0.3
0.1
0.03
0.01
3.0
10
20
10
5
50
100
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
FIG .4 T Y P ICA L IN S TA N TA N E O U S F O R W A R D
C H A R A C TE RIS TICS
FIG .5 M A XIM U M N O N -R E P E TITIV E F O R W A R D
S U R G E C U R R E N T
REVERSE VOLTAGE, (V)
4
6
40
20
10
60
200
100
1
.
0
2
.
0
2
1
0.4
0
.
1
2
4
10
20
40
100
FIG .6 T Y PIC A L JU N C TIO N C A P A CITA N C E
8.3ms Single Half Sine-Wave
(JEDED Method)
Pulse Width=300uS
1% Duty Cycle
T J = 25
O C
T J = 25
O C
HFM301~HFM303
HFM304~HFM305
HFM306~HFM308
HFM306~HFM308
HFM301~HFM305
2
www.paceleader.tw
THRU PHFM 08
PHFM 01
3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
( PHFM301 THRU PHFM308 )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com