Electronic Components Datasheet Search
  English  ▼

X  

PE6TR007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6TR007
Description  RF Terminations Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6TR007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6TR007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6TR007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6TR007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• DC to 3 GHz Frequency Range
• VSWR 1.15:1 Max
• Max Power 2 Watts (CW)
• BNC Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
RF termination (also called RF load or dummy load) PE6TR007 from Pasternack operates from DC to 3 GHz and handles
up to 2 Watts (CW). This BNC termination (or load) has a male gender. PE6TR007 BNC load termination offers 1.15:1 max
VSWR.
RF terminations / loads are critical passive components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can reduce the signal integrity and can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These radio frequency
termination components are commonly used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate results. Pasternack offers a large selection of
in-stock RF, microwave and millimeter wave terminations up to 65 GHz with great performance over the entire operating range
and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.15:1
Input Power (CW)
2
Watts
derated linearly to 1W at +125°C
Input Power (Peak)
1
KWatts
50 µsec duration
.
Mechanical Specifications
Size
Length
1.14 in [28.96 mm]
Width
0.58 in [14.73 mm]
.
Weight
0.046 lbs [20.87 g]
.
Configuration
Connector
BNC Male
PE6TR007
PE6TR007 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 3 GHz with BNC Male Tri-Metal Plated Brass PE6TR007
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 3 GHz with BNC
Male Tri-Metal Plated Brass


Similar Part No. - PE6TR007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR000 PASTERNACK-PE6TR000 Datasheet
349Kb / 4P
RF Terminations Technical Data Sheet
PE6TR001 PASTERNACK-PE6TR001 Datasheet
436Kb / 4P
RF Terminations Technical Data Sheet
PE6TR002 PASTERNACK-PE6TR002 Datasheet
336Kb / 3P
RF Terminations Technical Data Sheet
PE6TR003 PASTERNACK-PE6TR003 Datasheet
163Kb / 1P
Pasternack Enterprises
PE6TR004 PASTERNACK-PE6TR004 Datasheet
342Kb / 3P
RF Terminations Technical Data Sheet
More results

Similar Description - PE6TR007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR006 PASTERNACK-PE6TR006 Datasheet
342Kb / 3P
RF Terminations Technical Data Sheet
PE6TR009 PASTERNACK-PE6TR009 Datasheet
351Kb / 3P
RF Terminations Technical Data Sheet
PE6TR014 PASTERNACK-PE6TR014 Datasheet
352Kb / 3P
RF Terminations Technical Data Sheet
PE6TR1014 PASTERNACK-PE6TR1014 Datasheet
334Kb / 3P
RF Terminations Technical Data Sheet
PE6TR1030 PASTERNACK-PE6TR1030 Datasheet
451Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1040 PASTERNACK-PE6TR1040 Datasheet
385Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1045 PASTERNACK-PE6TR1045 Datasheet
379Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1046 PASTERNACK-PE6TR1046 Datasheet
381Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1047 PASTERNACK-PE6TR1047 Datasheet
376Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1052 PASTERNACK-PE6TR1052 Datasheet
377Kb / 4P
RF Terminations Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com