Electronic Components Datasheet Search
  English  ▼

X  

PE6TR014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6TR014
Description  RF Terminations Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6TR014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6TR014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6TR014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6TR014 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Configuration
Connector
TNC Male
Hex Size
14 mm
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
Housing
Brass
Tri-Metal
Chain
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2 Watt RF Load with Chain Up to 6 GHz with TNC Male Tri-Metal Plated Brass from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load with Chain Up to 6 GHz with TNC Male Tri-Metal Plated Brass PE6TR014
URL: https://www.pasternack.com/2-watts-tnc-male-rf-load-6-ghz-pe6tr014-p.aspx
PE6TR014
PE6TR014 REV 1.1
RF Terminations Technical Data Sheet
2 Watt RF Load with Chain Up to 6 GHz with
TNC Male Tri-Metal Plated Brass



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com