Electronic Components Datasheet Search
  English  ▼

X  

PE3825LF Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3825LF
Description  SMA Male to SMA Female Bulkhead Cable RF Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3825LF Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3825LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3825LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3825LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3825LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female Bulkhead
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Teflon
Teflon
Outer Conductor Material and Plating
Stainless Steel, Gold
Outer Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
Body Material and Plating
Stainless Steel, Gold
Stainless Steel, Gold
Body Plating Specification
10µ in. minimum
30µ in. minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3825LF REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS PE3825LF
RF Cable Assemblies Technical Data Sheet
PE3825LF
SMA Male to SMA Female Bulkhead Cable
Using RG402 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com