Electronic Components Datasheet Search
  English  ▼

X  

MSB40D Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MSB40D
Description  GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MSB40D Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MSB40D Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MSB40D Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
,
M
C
D
H
F
R
MSB40D THRU MSB40M
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
Voltage Range - 200 to 1000 Volts
Current - 4.0 Ampere
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MSB40D
4.0
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=125
IR
VF
uA
uA
1.1
95
5
100
MSB40J
MSB40G
MSB40K
MSB40M
-55 to +150
-55 to +150
Operating temperature range
storage temperature range
TJ
TSTG
MDD Catalog Number
.049(1.25)
.037(0.95)
.276(7.00)
.244(6.20)
.045(1.15)
.037(0.95)
.209(5.30)
.193(4.90)
(depth:0.02~0.08)
(? 0.8±0.03)
(Pin1)
.122(3.10)
.114(2.90)
Top Viev
Bottom View
Side View
(1)
(2)
(4)
(3)
Dimensions in inches and (millimeters)
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
@ 8.3ms
single half sine-wave
Maximum Forward Voltage @ TJ = 25
℃
@ 4.0A
Typical junction Capacitance per element (Note 1)
CJ
pF
40
UMSB
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
Glass Passivated Chip Junction
everse Voltage - 100 to 1000 V
orward Current - 4.0 A
igh Surge Current Capability
esigned for Surface Mount Application
ase: UMSB
Terminals: Solderable per MIL-STD-750
ethod 2026
Marking code
MB40D
MB40J
MB40G
MB40K
MB40M


Similar Part No. - MSB40D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MSB40D YFWDIODE-MSB40D Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MSB40D CHENDA-MSB40D Datasheet
683Kb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MSB40D YFWDIODE-MSB40D Datasheet
462Kb / 3P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB40D SKTECHNOLGY-MSB40D Datasheet
484Kb / 3P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MSB40D CHENDA-MSB40D_V01 Datasheet
683Kb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MSB40D

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
MSB30D CHENDA-MSB30D Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
TMB32F CHENDA-TMB32F Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com