Electronic Components Datasheet Search
  English  ▼

X  

TMB32F Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # TMB32F
Description  GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

TMB32F Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  TMB32F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd TMB32F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMB32F THRU TMB310F
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
Voltage Range - 200 to 1000 Volts
Current - 2.2 Ampere
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
15
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
TMB32F
2.2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=125
Typical thermal resistance(NOTE 2)
R JA
IR
VF
uA
uA
1.0
90
5
500
TMB36F
TMB34F
TMB38F
TMB310F
-55 to +150
-55 to +150
Operating temperature range
storage temperature range
TJ
TSTG
/W
R JL
55
MDD Catalog Number
.049(1.25)
.037(0.95)
.264(6.70)
.256(6.50)
.045(1.15)
.037(0.95)
.205(5.20)
.197(5.00)
(depth:0.02~0.08)
(? 0.8±0.03)
(Pin1)
.122(3.10)
.114(2.90)
Top Viev
Bottom View
Side View
(1)
+
-
~
~
(3)
(2)
(4)
(1)
(3)
(2)
(4)
Dimensions in inches and (millimeters)
Rating to 1000V PRV
Compact, thin profile package design
Ideal for SMT manufacturing
Reliable robust construction
Molding compound meets UL 94 V-0 flammability rating,
Halogen-free, RoHS-compliant, and commercial grade
Polarity indicator: As marked on body
Weight: 216 mg
Maximum Average Forward
Rectified Current
@T C =110℃
180
Peak Forward Surge Current
@ 8.3ms
single half sine-wave
@ 1.0ms
Maximum Forward Voltage @ TJ = 25℃
@ 1.1A DC
@ 2.2A DC
0.98
Typical junction Capacitance per element (Note 1)
CJ
pF
35
I
2t Rating for fusing (1ms < t < 8.3ms)
I
2t
I
2 t
33.6
R JC
10
1oz/ft2_20x20 mm copper pad per pin.
(3).The typical data above is for reference only( 典型值仅供参考 ).
NOTES:(1). Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
(2) .Thermal Resistance test performed in accordance with JESD-51. Unit mounted on glass-epoxy substrate with
TMBF


Similar Part No. - TMB32F

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMB300A TOPSTEK-TMB300A Datasheet
107Kb / 2P
Topstek Current Transducer
More results

Similar Description - TMB32F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
MSB30D CHENDA-MSB30D Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
MSB40D CHENDA-MSB40D Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com