Electronic Components Datasheet Search
  English  ▼

X  

THCV234 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCV234
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV234 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCV234 Datasheet HTML 2Page - THine Electronics, Inc. THCV234 Datasheet HTML 3Page - THine Electronics, Inc. THCV234 Datasheet HTML 4Page - THine Electronics, Inc. THCV234 Datasheet HTML 5Page - THine Electronics, Inc. THCV234 Datasheet HTML 6Page - THine Electronics, Inc. THCV234 Datasheet HTML 7Page - THine Electronics, Inc. THCV234 Datasheet HTML 8Page - THine Electronics, Inc. THCV234 Datasheet HTML 9Page - THine Electronics, Inc. THCV234 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin Name
Pin #
Type*
Description
RLA -/+
24,23
LO
RLB -/+
22,21
LO
RLC -/+
20,19
LO
RLCLK -/+
18,17
LO
RLD -/+
16,15
LO
RLE -/+
14,13
LO
RX0N/P
40,41
CI
RX1N/P
44,45
CI
LOCKN
38
OD
Lock detect output (LOCKN).
It must be connected to Tx LOCKN with a Tx side10kΩ pull-up resistor. LOCKN is output only.
HTPDN
37
OD
Hot plug detect output (HTPDN).
It must be connected to Tx HTPDN with a Tx side 10kΩ pull-up resistor. HTPDN is output only.
Reserved [1,2]
2,3
-
It must be open.
Reserved [5]
8
-
It must be connected with a pull-up resistor to 3.3V.
DEOUT
9
O
DE signal output (DEOUT) for LVDS data sets.
When used as DEOUT, no external component is required. It is push pull output.
DEOUT output DE timing depending upon data stream state. DEOUT is output only.
Bit Error Test (BET) result output under Field-BET operation
H : No error, L : Bit error occured
DGLOCK
36
BPU
Multiple-chip configuration total Rx side LOCKN indicator (DGLOCK).
When used as DGLOCK, it is internally connected with a pull-up resistor to 3.3V. No external component is required.
LOCKN arrange among Rx Multiple-chip configuration is achieved by connecting all DGLOCK pins.
Reserved
[0,3,4,6,7,8,9]
1,4,5,27,
28,33,34
-
It must be connected to GND.
MODE [1:0]
29,30
I
Operation mode select input.
MODE [1:0] =LL : Dual-in/Selected single-out (Lane0)
=LH : Dual-in/Single-out
=HL : Dual-in/Selected single-out (Lane1)
=HH : Single-in/Single-out
PDN
35
I
Power down Schmitt input.
H: Normal operation, L: Power down
RS
32
I
LVDS output swing range select input.
H : Normal swing (350mv@typ.), L : Reduced swing (200mv@typ.)
Latch select input under Field-BET operation
H : Latched result, L : NOT Latched result
COL
10
I
Data width setting for High Speed CML signal output.
H : 24bit, L : 32bit
BET
48
I
Field-BET entry.
H : Field BET Operation, L : Normal Operation
LAVDH
12,25
P33
LVDS power supply (3.3V)
LAGND
11,26
GND
LVDS GND
CAVDL
42,47
P18
High-speed signal analog power supply (1.8V)
CAGND
39,43,46 GND
High-speed signal analog GND
VDD
6,31
P18
Logic power supply (1.8V)
VSS
7
GND
Logic GND
EXPGND
49
GND
Exposed PAD GND
LVDS signal output.
High-speed CML signal input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com