Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 3 Page - ON Semiconductor

  AR0141CS_17 Datasheet HTML 1Page - ON Semiconductor AR0141CS_17 Datasheet HTML 2Page - ON Semiconductor AR0141CS_17 Datasheet HTML 3Page - ON Semiconductor AR0141CS_17 Datasheet HTML 4Page - ON Semiconductor AR0141CS_17 Datasheet HTML 5Page - ON Semiconductor AR0141CS_17 Datasheet HTML 6Page - ON Semiconductor AR0141CS_17 Datasheet HTML 7Page - ON Semiconductor AR0141CS_17 Datasheet HTML 8Page - ON Semiconductor AR0141CS_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AR0141CS
www.onsemi.com
3
GENERAL DESCRIPTION
The ON Semiconductor AR0141CS can be operated in its
default mode or programmed for frame size, exposure, gain,
and other parameters. The default mode output is a
720p−resolution image at 60 frames per second (fps). In
linear mode, it outputs 12−bit raw data, using either the
parallel or serial (HiSPi) output ports. The device may be
operated in video (master) mode or in single frame trigger
mode.
FRAME_VALID and LINE_VALID signals are output on
dedicated pins, along with a synchronized pixel clock in
parallel mode.
The AR0141CS includes additional features to allow
application−specific tuning: windowing and offset, auto
black level correction, and on−board temperature sensor.
Optional register information and histogram statistic
information can be embedded in the first and last 2 lines of
the image frame.
FUNCTIONAL OVERVIEW
The AR0141CS is a progressive−scan sensor that
generates a stream of pixel data at a constant frame rate. It
uses an on−chip, phase−locked loop (PLL) that can be
optionally enabled to generate all internal clocks from a
single master input clock running between 6 and 50 MHz.
The maximum output pixel rate is 148.5 Mp/s,
corresponding to a clock rate of 74.25 MHz. Figure 1 shows
a block diagram of the sensor.
Figure 1. Block Diagram
Digital gain and
pedestal
12 bits
Parallel
HiSPi
12 or 10 bits
Row noise correction
Black level correction
Pixel defect correction
Test pattern generator
ADC data
Adaptive CD filter
User interaction with the sensor is through the two−wire
serial bus, which communicates with the array control,
analog signal chain, and digital signal chain. The core of the
sensor is a 1.1 Mp Active− Pixel Sensor array. The timing
and control circuitry sequences through the rows of the
array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the
pixels in the row integrate incident light. The exposure is
controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain
(providing offset correction and gain), and then through an
analog−to−digital converter (ADC). The output from the
ADC is a 12−bit value for each pixel in the array. The ADC
output passes through a digital processing signal chain
(which provides further data path corrections and applies
digital gain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com