Electronic Components Datasheet Search
  English  ▼

X  

R2016 Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # R2016
Description  SURFACE MOUNT CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

R2016 Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  R2016 Datasheet HTML 1Page - Raltron Electronics Corporation R2016 Datasheet HTML 2Page - Raltron Electronics Corporation R2016 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT CRYSTAL
Page 3 of 3
Page 3 of 3
SERIES R2016
R A L T R O N E L E C T R O N I C S ▪ 1 0 4 0 0 N . W . 3 3 r d S T R E E T ▪ M i a m i , F l o r i d a 3 3 1 7 2 ▪ U . S . A .
Telephone: +1-305-593-6033 ▪ Fax: +1-305-594-3973 ▪ e-mail: sales@raltron.com ▪ web site: http://www.raltron.com
• REFLOW PROFILE
Reflow profile
Temperature Min Preheat
TSMIN
150°C
Temperature Max Preheat
TSMAX
200°C
Time (TSMIN to TSMAX)
tS
60-180 sec.
Temperature
TL
217°C
Peak Temperature
TP
260°C
Ramp-up rate
RUP
3°C/sec max.
Ramp-down rate
RDOWN
6°C/sec max.
Time within 5°C of Peak Temperature
tP
10 sec.
Time t[25°C] to Peak Temperature
t[25°C] to Peak
480 sec.
Time
tL
60-150 sec.
• ENVIRONMENTAL
PARAMETER
VALUE
MOISTURE SENSITIVITY LEVEL
1
RoHS
COMPLIANT
REACH SVHC
COMPLIANT
HALOGEN-FREE
COMPLIANT
ESD CLASSIFICATION LEVEL
N/A
TERMINATION FINISH
Au
August 2017
Temp.
[°C]
Time [sec]
TP
TL
TSMAX
TSMIN
Ramp-up
Ramp-down
Critical Zone
TL to TP
t[25°C] to Peak
tS Preheat
tL
tP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com