Electronic Components Datasheet Search
  English  ▼

X  

HD75173P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD75173P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75173P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD75173P Datasheet HTML 1Page - Renesas Technology Corp HD75173P Datasheet HTML 2Page - Renesas Technology Corp HD75173P Datasheet HTML 3Page - Renesas Technology Corp HD75173P Datasheet HTML 4Page - Renesas Technology Corp HD75173P Datasheet HTML 5Page - Renesas Technology Corp HD75173P Datasheet HTML 6Page - Renesas Technology Corp HD75173P Datasheet HTML 7Page - Renesas Technology Corp HD75173P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD75173
Rev.2.00, Jul.16.2004, page 3 of 7
DC Electrical Characteristics
(Ta = 0 to 70°C)
Item
Symbol
Min
Typ *
1
Max
Unit
Conditions
Differential Input High
Threshold Voltage
V
TH
——0.2
V
V
O = 2.7 V, IO = –0.4 mA
Differential Output Low
Threshold Voltage
V
TL
–0.2*2 ——V
V
O = 0.5 V, IO = 16 mA
Hysteresis
V
T
+ – V
T
–
—50
—
mV
Enable Input Voltage
V
IH
2
——V
V
IL
——0.8
Enable Input Clamp Voltage
V
IK
—
—
–1.5
V
II = –18 mA
Output Voltage
V
OH
2.7
——V
V
ID = 200 mV, IOH = –400 µA
V
OL
——0.45
V
V
ID = –200 mV, IOL = 8 mA
——0.5
V
ID = –200 mV, IOL = 16 mA
High Impedance State
V
OZ
—
—
–20
µA
V
O = 0.4 V
Output Current
—
—
+20
V
O = 2.4 V
Line Input Current
I
I
—
—
1
mA
Other Input at 0 V*4
V
I = 12 V
—
—
–0.8
V
I = –7 V
Enable Input Current
I
IH
——20
µA
V
IH = 2.7 V
I
IL
—
—
–100
µA
V
IL = 0.4 V
Input Resistance
ri
12
—
—
k
Ω
Short Circuit Output Current*3
I
OS
–15
—
–85
mA
Supply Current
I
CC
——70
mA
Notes: 1. All Typical Values are at V
CC = 5 V, Ta = 25°C
2. The algebraic convention is used in this data sheet for threshold voltage levels only.
3. Not more than one output should be shorted at a time.
4. Refer to EIA standards RS-422A and RS-423A for exact conditions.
Switching Characteristics
(V
CC = 5 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Propagation Delay Time
t
PLH
—20
35
ns
C
L = 15 pF
t
PHL
—22
35
Output Enable Time
t
ZH
—17
22
C
L = 15 pF
t
ZL
—20
25
Output Disable Time
t
HZ
—21
30
C
L = 5 pF
t
LZ
—30
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com