Electronic Components Datasheet Search
  English  ▼

X  

R2016A Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # R2016A
Description  SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

R2016A Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  R2016A Datasheet HTML 1Page - Raltron Electronics Corporation R2016A Datasheet HTML 2Page - Raltron Electronics Corporation R2016A Datasheet HTML 3Page - Raltron Electronics Corporation R2016A Datasheet HTML 4Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUTOMOTIVE GRADE
SURFACE MOUNT MICROPROCESSOR CRYSTAL
Page 2 of 4
Page 2 of 4
SERIES R2016A
R A L T R O N E L E C T R O N I C S ▪ 1 0 4 0 0 N . W . 3 3 r d S T R E E T ▪ M i a m i , F l o r i d a 3 3 1 7 2 ▪ U . S . A .
Telephone: +1-305-593-6033 ▪ Fax: +1-305-594-3973 ▪ e-mail: sales@raltron.com ▪ web site: http://www.raltron.com
PART NUMBERING SYSTEM
TYPE
-
FREQUENCY
-
LOAD CAPACITANCE
-
MODE
-
TOLERANCE/STABLITY
(PPM/PPM)
R2016A
-
in MHz
-
8 to 32 pF for Parallel
S for Series
-
Blank for < 24.576 MHz
F for
≥ 24.576 MHz
-
Blank for max
ppmppm
Example: 1020, 2050
-
EXTENDED
TEMPERATURE
-
TAPE & REEL
-
Blank for Standard
EXT for Extended
EXT6 for Extended6
EXT1 for Extended1
-
TR
EXAMPLE: R2016A-24.000-18-3050-EXT1-TR
AUTOMOTIVE GRADE Surface Mount Microprocessor Crystal, R2016A package, 2.0 x 1.6 mm, 24.000 MHz,
Fundamental mode, 18 pF Load, ±30 ppm Tolerance, ±50 ppm Stability from -40°C to +125°C, Tape and reel
packaging
MECHANICAL SPECIFICATION
CARRIER TAPE DIMENSIONS
NOTE: REFER TO EIA-481 FOR NON-SPECIFIED DIMENSIONS
PACKAGING
180 mm REEL DIAMETER
8 mm TAPE WIDTH, 4 mm PITCH
QUANTITY: 3000 PIECES PER REEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com