Electronic Components Datasheet Search
  English  ▼

X  

IRMS6452 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRMS6452
Description  SIDE VIEW IRMS6452/TOP VIEW
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRMS6452 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRMS6452 Datasheet HTML 1Page - Vishay Siliconix IRMS6452 Datasheet HTML 2Page - Vishay Siliconix IRMS6452 Datasheet HTML 3Page - Vishay Siliconix IRMS6452 Datasheet HTML 4Page - Vishay Siliconix IRMS6452 Datasheet HTML 5Page - Vishay Siliconix IRMS6452 Datasheet HTML 6Page - Vishay Siliconix IRMS6452 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 82579
www.vishay.com
Revision 05-July-02
2
Table 1. Input/Output Functional Description
Symbol
I/O Type
Polarity
Function
RxD
Output
Active
Low
This output indicates received serial data. It is a push-pull CMOS driver capable of driv-
ing a standard CMOS or TTL load. No external pull-up or pull-down resistor is required.
This output may switch indeterminately when the module is transmitting. This output pin
is in tri-state mode when the module is in shutdown mode and during digital serial pro-
gramming operations. RxD is high at initializaton.
TxD
Input
Active
High
This CMOS input is used to transmit serial data when SD/ Mode is low. An on-chip pro-
tection circuit disables the LED driver if the TxDpin is asserted for longer than 60
µs.
When used in conjunction with the SD/ Mode pin. TxD is low at initializaton.
SD/ Mode Input
Active
High
Assertion of this pin high for a period of time exceeding 400
µs places the module into
shutdown mode. On the falling edge of this signal, the state of the TxDpin is sampled and
used to set receiver low bandwidth (TxD= Low) or high bandwidth (TxD= High) mode.
See Figures 7 and 8 for timings. SD is low at initializaton
VCC
Positive Supply
-
Connect to positive power supply (2.7 V to 5.25 V). Placement of a 1.0
µF to 10.0 µF de-
coupling ceramic capacitor as close as possible to the VCC pin is recommended.
GND
Ground (Power)
-
Connect to power supply ground. A solid ground plane is recommended.
NC
No Connect
-
This pin could be connected to ground.
LEDA
Input
-
This pin can be connected directly to VCC. No series resistor is required.
LEDC
Output
-
LED cathode. Leave this pin unconnected. This pin may be monitored to determine the
state of the LED.
Figure 1. Block Diagram
Figure 2. Minimum Vishay Low-Power Integrated Infrared
Transceiver Circuit Diagram
Comp
Amp
TxD
GND
LEDC
RxD
Driver
SD/Mode
Mode &
Power
Control
LEDA
Driver
VCC
VCC
IR
Controller
IRMS6452
IRTX
TxD
SD/ Mode
LEDA
V
GND
IRRX
RxD
GPO
LEDC
NC
CC
C1= 1
µF to 10 µF
VCC
Table 2. Recommended Operating Conditions
Table 3. DC Electrical Characteristics
Table 4. Receiver DC Electrical Characteristics
Symbol
Parameter
Min
Typical
Max
Unit
Conditions
V
CC
Supply Voltage
2.7
5.25
V
T
A
Ambient Operating
Temperature
-25
75
˚C
Symbol
Parameter
Min
Typical
Max
Unit
Conditions
I
CC
Supply Current; Listening
2.0
3.2
4.5
mA
Typical value obtained at Vcc=5 V
I
CC
Supply Current; Receiving
3.8
15
mA
Interface and optical input power dependent
I
SD
Supply Current; Shutdown
50
100
nA
V
SD=VCC
Symbol
Parameter
Min
Typical
Max
Unit
Conditions
V
OL
RxD Output Low Voltage
0.5
V
I
OL
Static Sink Current on RxD
2.4
mA
2.2K
Ω load.
V
OH
RxD Output High Voltage
Vcc-0.5
V
I
OH
Static Source Current on RxD
2.4
mA
2.2K
Ω load.
RL
RxD Rosistive Load
2.2
k
Ω
C
L
RxD Capacitive Load
50
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com