Electronic Components Datasheet Search
  English  ▼

X  

PE34729-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34729-60
Description  CABLE ASSEMBLY, RG402/U, 2.92mm MALE TO 2.92mm MAIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34729-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34729-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE34729-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34729LF PASTERNACK-PE34729LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG402/U 2.92mm MALE TO 2.92mm MALE(LEAD FREE)
More results

Similar Description - PE34729-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34729LF PASTERNACK-PE34729LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG402/U 2.92mm MALE TO 2.92mm MALE(LEAD FREE)
PE34735 PASTERNACK-PE34735 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG405/U 2.92MALE TO 2.92mm MALE
PE34737 PASTERNACK-PE34737 Datasheet
269Kb / 1P
CABLE ASSEMBLY PE-SR405FL 2.92mm MALE TO 2.92mm MALE
PE34747 PASTERNACK-PE34747 Datasheet
289Kb / 1P
CABLE ASSEMBLY RG405/U 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE34570 PASTERNACK-PE34570 Datasheet
269Kb / 1P
CABLE ASSEMBLY,RG402/U, 3.5mm MALE TO 3.5mm MAIL
PE34731 PASTERNACK-PE34731 Datasheet
111Kb / 1P
CABLE ASSEMBLY, PE-SR402AL, 2.92mm MALE TO 2.92mm MAIL
PE34733 PASTERNACK-PE34733 Datasheet
270Kb / 1P
CABLE ASSEMBLY, PE-SR402FL, 2.92mm MALE TO 2.92mm MAIL
PE34735LF PASTERNACK-PE34735LF Datasheet
278Kb / 1P
CABLE ASSEMBLY, PE-RG405/U, 2.92mm MALE TO 2.92mm MAIL
PE34739 PASTERNACK-PE34739 Datasheet
111Kb / 1P
CABLE ASSEMBLY, PE-116SR, 2.92mm MALE TO 2.92mm MAIL
PE34741 PASTERNACK-PE34741 Datasheet
227Kb / 1P
CABLE ASSEMBLY, RG402/U, 2.92mm MALE TO 2.92mm FEMAIL BULKHEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com