Electronic Components Datasheet Search
  English  ▼

X  

L56 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L56
Description  T-1 3/4 (5MM) BLINKING LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L56 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L56 Datasheet HTML 1Page - List of Unclassifed Manufacturers L56 Datasheet HTML 2Page - List of Unclassifed Manufacturers L56 Datasheet HTML 3Page - List of Unclassifed Manufacturers L56 Datasheet HTML 4Page - List of Unclassifed Manufacturers L56 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0805
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Features
!
T-1 PACKAGE WITH RECTANGULAR BASE.
!
WITH BUILT-IN BLINKING IC.
!
OPERATION VOLTAGE FROM 3.5V TO 14V.
!
BLINKING FREQUENCY FROM 3.0Hz TO 1.5Hz
.
T-1 3/4 (5mm) BLINKING LED LAMPS
L56BHD BRIGHT RED
L56BGD
GREEN
L56BID HIGH EFFICIENCY RED
L56BYD
YELLOW
L56BSRD/B SUPER BRIGHT RED


Similar Part No. - L56

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L561 IXYS-L561 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
logo
IXYS Corporation
L564 IXYS-L564 Datasheet
36Kb / 1P
Three Phase Rectifier Bridge in ECO-PAC 2
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results

Similar Description - L56

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
T-1 3/4 Blinking LED Lamps
logo
Kingbright Corporation
L-56BID KINGBRIGHT-L-56BID Datasheet
45Kb / 3P
T-1 3/4 (5mm) BLINKING LED LAMP
WP56BGD KINGBRIGHT-WP56BGD Datasheet
390Kb / 6P
T-1 3/4(5mm) BLINKING LED LAMP
WP56BHD KINGBRIGHT-WP56BHD Datasheet
390Kb / 6P
T-1 3/4(5mm) BLINKING LED LAMP
WP56BID KINGBRIGHT-WP56BID Datasheet
390Kb / 6P
T-1 3/4(5mm) BLINKING LED LAMP
WP56BYD KINGBRIGHT-WP56BYD Datasheet
390Kb / 6P
T-1 3/4(5mm) BLINKING LED LAMP
L-56BHD KINGBRIGHT-L-56BHD Datasheet
129Kb / 5P
T-1 3/4 (5mm) BLINKING LED LAMPS
logo
SunLED Corporation
BMR53D SUNLED-BMR53D Datasheet
176Kb / 4P
T-1 3/4 (5mm) BLINKING LED LAMP
BUG53D SUNLED-BUG53D Datasheet
176Kb / 4P
T-1 3/4 (5mm) BLINKING LED LAMP
BUR53D SUNLED-BUR53D Datasheet
176Kb / 4P
T-1 3/4 (5mm) BLINKING LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com