Electronic Components Datasheet Search
  English  ▼

X  

LT1012A Datasheet(PDF) 5 Page - Linear Technology

Part # LT1012A
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012A Datasheet(HTML) 5 Page - Linear Technology

  LT1012A Datasheet HTML 1Page - Linear Technology LT1012A Datasheet HTML 2Page - Linear Technology LT1012A Datasheet HTML 3Page - Linear Technology LT1012A Datasheet HTML 4Page - Linear Technology LT1012A Datasheet HTML 5Page - Linear Technology LT1012A Datasheet HTML 6Page - Linear Technology LT1012A Datasheet HTML 7Page - Linear Technology LT1012A Datasheet HTML 8Page - Linear Technology LT1012A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
sn1012 1012afbs
LT1012A/LT1012
LT1012AM/AI
LT1012M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
30
60
30
180
µV
(Note 3)
q
40
180
40
250
µV
Average Temperature Coefficient of
q
0.2
0.6
0.2
1.5
µV/°C
Input Offset Voltage
IOS
Input Offset Current
q
30
250
30
250
pA
(Note 3)
q
70
350
70
350
pA
Average Temperature Coefficient of
q
0.3
2.5
0.3
2.5
pA/
°C
Input Offset Current
IB
Input Bias Current
q
±80
±600
±80
±600
pA
(Note 3)
q
±150
±800
±150
±800
pA
Average Temperature Coefficient of
q
0.6
6.0
0.6
6.0
pA/
°C
Input Bias Current
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
q
200
1000
150
1000
V/mV
VOUT = ±10V, RL ≥ 2kΩ
q
200
600
100
600
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
q
110
128
108
128
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ± 20V
q
110
126
108
126
dB
Input Voltage Range
q
±13.5
±13.5
V
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13
±14
±13
±14
V
IS
Supply Current
q
400
650
400
800
µA
The q denotes the specifications which apply over the full operating
temperature range of –55
°C ≤ TA ≤ 125°C for LT1012AM and LT1012M, and –40°C ≤ TA≤ 85°C for LT1012AI and LT1012I.
VS = ± 15V, VCM = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com