Electronic Components Datasheet Search
  English  ▼

X  

LT1969 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1969
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1969 Datasheet HTML 10Page - Linear Technology LT1969 Datasheet HTML 11Page - Linear Technology LT1969 Datasheet HTML 12Page - Linear Technology LT1969 Datasheet HTML 13Page - Linear Technology LT1969 Datasheet HTML 14Page - Linear Technology LT1969 Datasheet HTML 15Page - Linear Technology LT1969 Datasheet HTML 16Page - Linear Technology LT1969 Datasheet HTML 17Page - Linear Technology LT1969 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1969
APPLICATIO S I FOR ATIO
wasted in the termination resistor. Second, the signal is
halved so the gain of the amplifer must be doubled to have
the same overall gain to the load. The increase in gain
increases noise and decreases bandwidth (which can also
increase distortion). Third, the output swing of the ampli-
fier is doubled which can limit the power it can deliver to
the load for a given power supply voltage.
An alternate method of back-termination is shown in
Figure 7. Positive feedback increases the effective back-
termination resistance so RBT can be reduced by a factor
of n. To analyze this circuit, first ground the input. As RBT =
RL/n, and assuming RP2>>RL we require that:
Va = Vo (1 – 1/n) to increase the effective value of
RBT by n.
Vp = Vo (1 – 1/n)/(1 + RF/RG)
Vo = Vp (1 + RP2/RP1)
Figure 7. Back-Termination Using Positive Feedback
1969 F07
RF
RBT
RP2
RP1
RG
Vi
Va
VP
Vo
RL
RF
RG
1 +
RL
n
=
Vo
Vi
= 1 –
–
1
n
FOR RBT =
()
RF
RG
1 +
()
RP1
RP1 + RP2
RP1
RP2 + RP1
RP2/(RP2 + RP1)
()
1 + 1/n
Eliminating Vp, we get the following:
(1 + RP2/RP1) = (1 + RF/RG)/(1 – 1/n)
For example, reducing RBT by a factor of n = 4, and with an
amplifer gain of (1 + RF/RG) = 10 requires that RP2/RP1
= 12.3.
Note that the overall gain is increased:
V
V
RR
R
nR
R
R
R
R
o
i
PP
P
FG
P
P
P
=
+
()
+
() +
()
[]−+
()
[]
22
1
12
1
11
1
/
//
/
/
A simpler method of using positive feedback to reduce the
back-termination is shown in Figure 8. In this case, the
drivers are driven differentially and provide complemen-
tary outputs. Grounding the inputs, we see there is invert-
ing gain of –RF/RP from –Vo to Va
Va = Vo (RF/RP)
Figure 8. Back-Termination Using Differential Positive Feedback
–
+
RBT
RF
RG
RP
RP
RG
RL
RL
–Vi
Va
–Va
Vi
–Vo
Vo
RBT
1969 F08
RF
RL
n
=
Vo
Vi
n =
1 –
2
FOR RBT =
RF
RP
RF
RP
+
RF
RG
1 +
1 –
RF
RP
1
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com