Electronic Components Datasheet Search
  English  ▼

X  

TR021 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TR021
Description  Molded Inductors, Axial Leads High Frequency and Noise Suppression Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR021 Datasheet(HTML) 1 Page - Vishay Siliconix

  TR021 Datasheet HTML 1Page - Vishay Siliconix TR021 Datasheet HTML 2Page - Vishay Siliconix TR021 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TR021
www.vishay.com
Vishay Sfernice
Revision: 28-Apr-16
1
Document Number: 59007
For technical questions, contact: sferaztronics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Inductors, Axial Leads,
High Frequency and Noise Suppression Applications
The inductors have copper winding on magnetic core
structure.
FEATURES
• Accurate dimensions
• Superior moisture protection
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
Note
(1) ± 10 % for 0.022 μH < L
 1500 μH . On request: ± 5 % and ± 2 % for 1 μH < L  1000 μH
DIMENSIONS in millimeters (± 0.5)
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
INDUCTANCE
RANGE
μH
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
VRMS
TOLERANCE (1)
± %
Q RANGE
I
RANGE
mA
TR021
0.022 to 1500
0.180
500
10
15 to 40
45 to 2530
25 min.
25 min.
7.35
Ø 2.42
Ø 0.5
MECHANICAL SPECIFICATIONS
Coating
Molded epoxy
Weight
0.5 g
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
0 °C to +70 °C
Temperature limits
-55 °C to +125 °C
PACKAGING
Standard: in tape and reel of 1000 pieces, code R15 (R)
On request: 250 pieces tape in box “ammopack”, code A15 (B)
MARKING
Standard:
print marked-manufacturer, inductance value, tolerance
ORDERING INFORMATION (part number)
MODEL
STYLE
VALUE
TOLERANCE
PACKAGING
SPECIAL
TR
021
From 0.022 μH
to 1500 μH
6R8 = 6.8 μH
K: ± 10 %
On request:
G: ± 2 %
J: ± 5 %
R15 =
reel 1000 pieces
On request:
A15 = ammopack
250 pieces
Special code
given by Vishay
PART NUMBER DESCRIPTION (for information only)
TR
021
6μH8
10 %
R
e1
MODEL
STYLE
VALUE
TOLERANCE
PACKAGING
SPECIAL
LEAD (Pb)-FREE
16
R
8
K
R
1
0
T
2
R
5


Similar Part No. - TR021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR021 VISHAY-TR021 Datasheet
76Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR021 VISHAY-TR021_V01 Datasheet
76Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
More results

Similar Description - TR021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IG70 VISHAY-IG70 Datasheet
73Kb / 3P
Current Chokes, Axial Leads, Noise Suppression Applications
28-Apr-16
IG120 VISHAY-IG120 Datasheet
73Kb / 3P
Current Chokes, Axial Leads Noise Suppression Applications
28-Apr-16
TR022 VISHAY-TR022 Datasheet
73Kb / 3P
Molded Inductors, Axial Leads High Frequency and Noise Suppression Applications
28-Apr-16
TR023 VISHAY-TR023 Datasheet
78Kb / 3P
High Frequency and Noise Suppression Applications
28-Apr-16
TR025 VISHAY-TR025 Datasheet
79Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
IG70 VISHAY-IG70_V01 Datasheet
70Kb / 3P
Current Chokes, Axial Leads, Noise Suppression Applications
28-Apr-16
TR021 VISHAY-TR021_V01 Datasheet
76Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR022 VISHAY-TR022_V01 Datasheet
56Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR023 VISHAY-TR023_V01 Datasheet
61Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR025 VISHAY-TR025_V01 Datasheet
62Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com